Electronic Components Datasheet Search
  English  ▼

X  

AD8632ART Datasheet(PDF) 9 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # AD8632ART
Description  480μA, 6.5MHz, RRIO CMOS Operational Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

AD8632ART Datasheet(HTML) 9 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button AD8632ART Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 13Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
The AD863xA can directly drive 1nF in unity-gain without oscillation. The
unity-gain follower (buffer) is the most sensitive configuration to capacitive loading.
Application Notes
Direct capacitive loading reduces the phase margin of amplifiers and this results in
ringing or even oscillation. Applications that require greater capacitive drive capability
should use an isolation resistor between the output and the capacitive load like the
circuit in Figure 3. The isolation resistor RISO and the load capacitor CL form a zero to
increase stability. The bigger the RISO resistor value, the more stable VOUT will be.
Note that this method results in a loss of gain accuracy because RISO forms a voltage
divider with the RL.
Figure 3. Indirectly Driving Heavy Capacitive Load
An improvement circuit is shown in Figure 4. It provides DC accuracy as well as
AC stability. The RF provides the DC accuracy by connecting the inverting signal with
the output.
The CF and RISO serve to counteract the loss of phase margin by feeding the high
frequency component of the output signal back to the amplifier’s inverting input,
thereby preserving phase margin in the overall feedback loop.
Figure 4. Indirectly Driving Heavy Capacitive Load with DC Accuracy
For no-buffer configuration, there are two other ways to increase the phase
margin: (a) by increasing the amplifier’s gain, or (b) by placing a capacitor in parallel
with the feedback resistor to counteract the parasitic capacitance associated with
inverting node.
480
μA, 6.5MHz, RRIO CMOS Operational Amplifiers
UMW
AD8631,AD8632,AD8634
R
www.umw-ic.com
9
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com