Electronic Components Datasheet Search
  English  ▼

X  

AD8632ART Datasheet(PDF) 11 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # AD8632ART
Description  480μA, 6.5MHz, RRIO CMOS Operational Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

AD8632ART Datasheet(HTML) 11 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button AD8632ART Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 13Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 14Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 15Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Typical Application Circuits
Differential Amplifier
Figure 5. Differential Amplifier
The circuit shown in Figure 5 performs the difference function. If the resistors
ratios are equal R4/R3 = R2/R1, then:
VOUT = (Vp – Vn) × R2/R1 + VREF
Instrumentation Amplifier
Figure 6. Instrumentation Amplifier
The AD863xA family is well suited for conditioning sensor signals in battery-
powered applications. Figure 6 shows a two op-amp instrumentation amplifier, using
the AD863xA op-amps. The circuit works well for applications requiring rejection of
common-mode noise at higher gains. The reference voltage (VREF) is supplied by a
low-impedance source. In single voltage supply applications, the VREF is typically VS/2.
Buffered Chemical Sensors
480
μA, 6.5MHz, RRIO CMOS Operational Amplifiers
UMW
AD8631,AD8632,AD8634
R
www.umw-ic.com
11
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com