Electronic Components Datasheet Search
  English  ▼

X  

AD8632ART Datasheet(PDF) 12 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # AD8632ART
Description  480μA, 6.5MHz, RRIO CMOS Operational Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

AD8632ART Datasheet(HTML) 12 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button AD8632ART Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 13Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 14Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 15Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Typical Application Circuits
The AD863xA family has input bias current in the pA range. This is ideal in
buffering high impedance chemical sensors, such as pH probes. As an example, the
circuit in Figure 7 eliminates expansive low-leakage cables that is required to connect
a pH probe (general purpose combination pH probes, e.g Corning 476540) to metering
ICs such as ADC, AFE and/or MCU. An AD863xA op-amp and a lithium battery are
housed in the probe assembly. A conventional low-cost coaxial cable can be used to
carry the op-amp’s output signal to subsequent ICs for pH reading.
Shunt-Based Current Sensing Amplifier
The current sensing amplification shown in Figure 8 has a slew rate of 2πfVPP for
the output of sine wave signal, and has a slew rate of 2fVPP for the output of triangular
wave signal. In most of motor control systems, the PWM frequency is at 10kHz to
20kHz, and one cycle time is 100μs for a 10kHz of PWM frequency. In current shunt
monitoring for a motor phase, the phase current is converted to a phase voltage signal
for ADC sampling. This sampling voltage signal must be settled before entering the
ADC. As the Figure 8 shown, the total settling time of a current shunt monitor circuit
includes: the rising edge delay time (tSR) due to the op-amp’s slew rate, and the
measurement settling time (tSET). If the minimum duty cycle of the PWM is defined at
5%, and the tSR is required at 20% of a total time window for a phase current
monitoring, in case of a 3.3V motor control system (3.3V MCU with 12-bit ADC), the
op-amp’s slew rate should be more than:
3.3V / (100μs× 5% × 20%) = 3.3 V/μs
At the same time, the op-amp’s bandwidth should be much greater than the PWM
frequency, like 10 time at least.
Figure 8. Current Shunt Monitor Circuit
480
μA, 6.5MHz, RRIO CMOS Operational Amplifiers
UMW
AD8631,AD8632,AD8634
R
www.umw-ic.com
12
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com