Electronic Components Datasheet Search
  English  ▼

X  

AD8632ART Datasheet(PDF) 10 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # AD8632ART
Description  480μA, 6.5MHz, RRIO CMOS Operational Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

AD8632ART Datasheet(HTML) 10 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button AD8632ART Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 13Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ART Datasheet HTML 14Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Power Supply La4out And By ass
The AD863xA family operates from either a single +2.3V to +5.5V supply or
dual ±1.15V to ±2.25V supplies. For single-supply operation, bypass the power supply
Application Notes
VS with a ceramic capacitor (i.e. 0.01μF to 0.1μF) which should be placed close
(within 2mm for good high frequency performance) to the VS pin. For dual-supply
operation, both the VS+ and the VS– supplies should be bypassed to ground with
separate 0.1μF ceramic capacitors. A bulk capacitor (i.e. 2.2μF or larger tantalum
capacitor) within 100mm to provide large, slow currents and better performance. This
bulk capacitor can be shared with other analog parts.
Good PC board layout techniques optimize performance by decreasing the
amount of stray capacitance at the op-amp’s inputs and output. To decrease stray
capacitance, minimize trace lengths and widths by placing external components as
close to the device as possible. Use surface-mount components whenever possible. For
the op-amp, soldering the part to the board directly is strongly recommended. Try to
keep the high frequency big current loop area small to minimize the EMI
(electromagnetic interfacing).
Grounding
A ground plane layer is important for the AD863xA circuit design. The length of
the current path speed currents in an inductive ground return will create an unwanted
voltage noise. Broad ground plane areas will reduce the parasitic inductance.
Input To Output Coupling
To minimize capacitive coupling, the input and output signal traces should not be
parallel. This helps reduce unwanted positive feedback.
480
μA, 6.5MHz, RRIO CMOS Operational Amplifiers
UMW
AD8631,AD8632,AD8634
R
www.umw-ic.com
10
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com