Electronic Components Datasheet Search
  English  ▼

X  

COM20022I Datasheet(PDF) 40 Page - SMSC Corporation

Part # COM20022I
Description  10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I Datasheet(HTML) 40 Page - SMSC Corporation

Back Button COM20022I Datasheet HTML 36Page - SMSC Corporation COM20022I Datasheet HTML 37Page - SMSC Corporation COM20022I Datasheet HTML 38Page - SMSC Corporation COM20022I Datasheet HTML 39Page - SMSC Corporation COM20022I Datasheet HTML 40Page - SMSC Corporation COM20022I Datasheet HTML 41Page - SMSC Corporation COM20022I Datasheet HTML 42Page - SMSC Corporation COM20022I Datasheet HTML 43Page - SMSC Corporation COM20022I Datasheet HTML 44Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 82 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
Revision 02-27-06
Page 40
SMSC COM20022I
DATASHEET
Table 6.6 - Address Pointer High Register
BIT
BIT NAME
SYMBOL
DESCRIPTION
7
Read Data
RDDATA
This bit tells the COM20022I whether the following access will be
a read or write. A logic "1" prepares the device for a read, a logic
"0" prepares it for a write.
6
Auto Increment
AUTOINC
This bit controls whether the address pointer will increment
automatically. A logic "1" on this bit allows automatic increment of
the pointer after each access, while a logic "0" disables this
function. Please refer to the Sequential Access Memory section
for further detail.
5-4
(Reserved)
These bits are undefined.
3
DMA Enable
DMAEN
This bit is used to Disable/Enable the assertion of the DMA
Request (DREQ pin) after writing the Address Pointer Low
register. DMAEN=0: Disable (Default). DMAEN=1: Enable the
assertion of the DREQ pin after writing the Address Pointer Low
register. Writing DMAEN=0 during the DMA operation will negate
the DREQ pin immediately. The DMA operation is terminated
immediately after the next DACK pin negation. The inverting
signal of DAMEN is the Interrupt source signal DMAEND. The
DMAEN bit is cleared automatically by finishing the DMA. If the
DMAEND bit in the Mask register is not masked, the Interrupt
occurs by finishing the DMA operation.
2-0
Address 10-8
A10-A8
These bits hold the upper three address bits which provide
addresses to RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com