Electronic Components Datasheet Search
  English  ▼

X  

COM20022I Datasheet(PDF) 63 Page - SMSC Corporation

Part # COM20022I
Description  10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I Datasheet(HTML) 63 Page - SMSC Corporation

Back Button COM20022I Datasheet HTML 59Page - SMSC Corporation COM20022I Datasheet HTML 60Page - SMSC Corporation COM20022I Datasheet HTML 61Page - SMSC Corporation COM20022I Datasheet HTML 62Page - SMSC Corporation COM20022I Datasheet HTML 63Page - SMSC Corporation COM20022I Datasheet HTML 64Page - SMSC Corporation COM20022I Datasheet HTML 65Page - SMSC Corporation COM20022I Datasheet HTML 66Page - SMSC Corporation COM20022I Datasheet HTML 67Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 82 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
SMSC COM20022I
Page 63
Revision 02-27-06
DATASHEET
Figure 8.5
- Non-Multiplexed Bus, 80XX-Like Control Signals; Read Cycle
A0-A2
VALID DATA
VALID
D0-D15
nCS
t6
t1
t7
t3
t5
t4
t2
nRD
nWR
t10
t8
t9
Note 3
nIOCS16
t11
VALID VALUE
t12
Note 2
Parameter
min
max
units
t1
t2
t3
t4
t5
t6
t7
t8
t9
t10
t11
t12
15
10
5**
0
nS
nS
nS
nS
nS
nS
Address Setup to nRD Active
Address Hold from nRD Inactive
nCS Setup to nRD Active
nCS Hold from nRD Inactive
Cycle Time (nRD Low to Next Time Low)
nRD Low to Valid Data
nRD High to Data High Impedance
4TARB
*
0
60
20
20
40**
20
nS
nS
nS
nS
nS
nS
CASE 1: BUSTMG pin = HIGH and RBUSTMG bit = 0
nRD Low Width
nRD High Width
nWR
to nRD Low
nIOCS16 Output Delay from nCS Low
nIOCS16 Hold Delay from nCS High
0****
40***
The Microcontroller typically accesses the COM20022 on every other cycle.
Therefore, the cycle time specified in the microcontroller's datasheet
should be doubled when considering back-to-back COM20022 cycles.
Note 1:
TARB is the Arbitration Clock Period
TARB is identical to Topr if SLOW ARB = 0
*
TARB is twice Topr if SLOW ARB = 1
Topr is the period of operation clock. It depends on CKUP1 and CKUP0 bits
nCS may become active after control becomes active, but the access time (t6)
will now be 45nS measured from the leading edge of nCS.
**
t11 is measured from the latest active (valid) timing among nCS, A0-A2.
***
t12 is measured from the earliest inactive (invalid) timing among nCS, A0-A2.
****
Note 2: Read cycle for Address Pointer Low/High Registers occurring after a read from
Data Register requires a minimum of 5TARB from the trailing edge of nRD to the
leading edge of the next nRD.
Notes 2 and 3 are applied to an access to Data Register by DMA transfer.
Note 3: Read cycle for Address Pointer Low/High Registers occurring after a write to
Data Register requires a minimum of 5TARB from the trailing edge of nWR to the
leading edge of nRD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com