Electronic Components Datasheet Search
  English  ▼

X  

COM20022I Datasheet(PDF) 82 Page - SMSC Corporation

Part # COM20022I
Description  10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I Datasheet(HTML) 82 Page - SMSC Corporation

Back Button COM20022I Datasheet HTML 74Page - SMSC Corporation COM20022I Datasheet HTML 75Page - SMSC Corporation COM20022I Datasheet HTML 76Page - SMSC Corporation COM20022I Datasheet HTML 77Page - SMSC Corporation COM20022I Datasheet HTML 78Page - SMSC Corporation COM20022I Datasheet HTML 79Page - SMSC Corporation COM20022I Datasheet HTML 80Page - SMSC Corporation COM20022I Datasheet HTML 81Page - SMSC Corporation COM20022I Datasheet HTML 82Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 82 / 82 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
Revision 02-27-06
Page 82
SMSC COM20022I
DATASHEET
Chapter 11 Appendix B: Example of Interface
Circuit Diagram to ISA Bus
ISA Bus
AEN
SA15-
SD15-
nIOR
nIOW
SA2-
IRQm
nIOCS16
DRQn
nDACK
TC
nREFRES
RESETDR
12
12 bit
Comparator
LS688x
nG
P
P=Q
Q
I/O Address Seeting (DIP
16 bit
Transceiver
LS245x
A
B
DIR
nG
3
D15-D0
nRD
nWR
A2-A0
nINTR
nIOCS16
DREQ
nDACK
TC
nREFEX
nRESET
nCS
16
3
Schmitt-Trigger
Open-Collector
12
COM2002I
5V
16
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com