Electronic Components Datasheet Search
  English  ▼

X  

COM20022I Datasheet(PDF) 44 Page - SMSC Corporation

Part # COM20022I
Description  10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I Datasheet(HTML) 44 Page - SMSC Corporation

Back Button COM20022I Datasheet HTML 40Page - SMSC Corporation COM20022I Datasheet HTML 41Page - SMSC Corporation COM20022I Datasheet HTML 42Page - SMSC Corporation COM20022I Datasheet HTML 43Page - SMSC Corporation COM20022I Datasheet HTML 44Page - SMSC Corporation COM20022I Datasheet HTML 45Page - SMSC Corporation COM20022I Datasheet HTML 46Page - SMSC Corporation COM20022I Datasheet HTML 47Page - SMSC Corporation COM20022I Datasheet HTML 48Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 82 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
Revision 02-27-06
Page 44
SMSC COM20022I
DATASHEET
Table 6.11 - Setup 2 Register
BIT
BIT NAME
SYMBOL
DESCRIPTION
7
Read Bus Timing
Select
RBUSTMG
This bit is used to Disable/Enable the High Speed CPU Read
function for High Speed CPU bus support. RBUSTMG=0: Disable
(Default), RBUSTMG=1: Enable. That is, if BUSTMG (pin 26) = 1
and RBUSTMG = 1, High Speed CPU Read operations are
enabled. It does not influence write operation. High speed CPU
Read operation is only for non-multiplexed bus.
6
Reserved
This bit is undefined.
5,4
Clock Multiplier
CKUP1, 0
Higher frequency clocks are generated from the 20 MHz crystal
through the selection of these two bits as shown. This clock
multiplier is powered-down on default. After changing the CKUP1
and CKUP0 bits, the ARCNET core operation is stopped and the
internal PLL in the clock multiplier is awakened and it starts to
generate the 40 MHz. The lock out time of the internal PLL is 8
μSec
typically. After 1 mS it is necessary to write command data '18H' to
command register for re-starting the ARCNET core operation. EF
bit must be ‘1’ if the data rate is over 5Mbps.
CAUTION: Changing the CKUP1 and CKUP0 bits must be one
time or less after releasing a hardware reset.
CKUP1
CKUP0
Clock Frequency (Data Rate)
0
0
20 MHz (Up to 2.5Mbps) Default
0
1
40 MHz (Up to 5Mbps)
1
0
Reserved
1
1
80 MHz (Only 10Mbps)
Note:
After changing the CKUP1 or CKUP0 bits, it is necessary to
write a command data '18H' to the command register.
Because after changing the CKUP [1, 0] bits, the internal
operation is stopped temporarily. The writing of the
command is to start the operation.
These initializing steps are shown below.
1.
Hardware reset (Power ON)
2.
Change CKUP[1, 0] bit
3.
Wait 1mSec (wait until stable oscillation)
4.
Write command '18H' (start internal operation)
5.
Start initializing routine (Execute existing software)
3
Enhanced Functions
EF
This bit is used to enable the new enhanced functions in the
COM20022I. EF = 0: Disable (Default), EF = 1: Enable. If EF = 0,
the timing and function is the same as in the COM20020, Revision
B. See appendix “A”. EF bit must be ‘1’ if the data rate is over
5Mbps.
EF bit should be ‘1’ for new design customers.
EF bit should be ‘0’ for replacement customers.
2
No Synchronous
NOSYNC
This bit is used to enable the SYNC command during initialization.
NOSYNC= 0, Enable (Default) The line must be idle for the RAM
initialization sequence to be written. NOSYNC= 1, Disable:) The line
does not have to be idle for the RAM initialization sequence to be
written. See appendix “A”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com