Electronic Components Datasheet Search
  English  ▼

X  

AM70PDL129CDH Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # AM70PDL129CDH
Description  2 x 64 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit (8 M x 16-Bit) CMOS
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM70PDL129CDH Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button AM70PDL129CDH Datasheet HTML 18Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 19Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 20Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 21Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 22Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 23Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 24Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 25Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 127 page
background image
20
Am70PDL127CDH/Am70PDL129CDH
November 24, 2003
ADV ANCE
I N FO RMAT I O N
Bank
Sector
Sector Address (A22-A12)
Sector Size (Kwords)
Address Range (x16)
SA39
00100000XXX
32
100000h–107FFFh
SA40
00100001XXX
32
108000h–10FFFFh
SA41
00100010XXX
32
110000h–117FFFh
SA42
00100011XXX
32
118000h–11FFFFh
SA43
00100100XXX
32
120000h–127FFFh
SA44
00100101XXX
32
128000h–12FFFFh
SA45
00100110XXX
32
130000h–137FFFh
SA46
00100111XXX
32
138000h–13FFFFh
SA47
00101000XXX
32
140000h–147FFFh
SA48
00101001XXX
32
148000h–14FFFFh
SA49
00101010XXX
32
150000h–157FFFh
SA50
00101011XXX
32
158000h–15FFFFh
SA51
00101100XXX
32
160000h–167FFFh
SA52
00101101XXX
32
168000h–16FFFFh
SA53
00101110XXX
32
170000h–177FFFh
SA54
00101111XXX
32
178000h–17FFFFh
SA55
00110000XXX
32
180000h–187FFFh
SA56
00110001XXX
32
188000h–18FFFFh
SA57
00110010XXX
32
190000h–197FFFh
SA58
00110011XXX
32
198000h–19FFFFh
SA59
00110100XXX
32
1A0000h–1A7FFFh
SA60
00110101XXX
32
1A8000h–1AFFFFh
SA61
00110110XXX
32
1B0000h–1B7FFFh
SA62
00110111XXX
32
1B8000h–1BFFFFh
SA63
00111000XXX
32
1C0000h–1C7FFFh
SA64
00111001XXX
32
1C8000h–1CFFFFh
SA65
00111010XXX
32
1D0000h–1D7FFFh
SA66
00111011XXX
32
1D8000h–1DFFFFh
SA67
00111100XXX
32
1E0000h–1E7FFFh
SA68
00111101XXX
32
1E8000h–1EFFFFh
SA69
00111110XXX
32
1F0000h–1F7FFFh
SA70
00111111XXX
32
1F8000h–1FFFFFh
SA71
01000000XXX
32
200000h–207FFFh
SA72
01000001XXX
32
208000h–20FFFFh
SA73
01000010XXX
32
210000h–217FFFh
SA74
01000011XXX
32
218000h–21FFFFh
SA75
01000100XXX
32
220000h–227FFFh
SA76
01000101XXX
32
228000h–22FFFFh
SA77
01000110XXX
32
230000h–237FFFh
SA78
01000111XXX
32
238000h–23FFFFh
Table 6.
Am29PDL127H Sector Architecture (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com