Electronic Components Datasheet Search
  English  ▼

X  

AM70PDL129CDH Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM70PDL129CDH
Description  2 x 64 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit (8 M x 16-Bit) CMOS
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM70PDL129CDH Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM70PDL129CDH Datasheet HTML 8Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 9Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 10Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 11Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 12Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 13Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 14Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 15Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 127 page
background image
10
Am70PDL127CDH/Am70PDL129CDH
November 24, 2003
ADV ANCE
I N FO RMAT I O N
CONNECTION DIAGRAM–PDL129H
Special Package Handling Instructions
Special handling is required for Flash Memory products
in molded packages (BGA). The package and/or data
integrity may be compromised if the package body is
exposed to temperatures above 150
°C for prolonged
periods of time.
A1
B1
C1
F1
G1
L1
M1
D2
E2
F2
G2
H2
J2
C3
D3
E3
F3
G3
H3
J3
K3
C4
D4
E4
F4
G4
H4
J4
K4
B5
C5
D5
E5
H5
J5
K5
L5
B6
C6
D6
E6
H6
J6
K6
L6
C7
D7
E7
F7
G7
H7
J7
K7
C8
D8
E8
F8
G8
H8
J8
K8
D9
E9
F9
G9
H9
J9
A10
B10
F10
G10
L10
M10
NC
NC
NC
NC
NC
NC
CE#2ds
VCCQf
NC
A3
A2
A1
A0
CE#f1
CE#1ps
A7
A6
A5
A4
VSS
OE#
DQ0
DQ8
LB#
UB#
A18
A17
DQ1
DQ9
DQ10
DQ2
CE#f2
WP#/ACC
RESET#
RY/BY#
DQ3
VCCf
DQ11
VCCds
WE#
CE2ps
A20
DQ4
VCCps
VCCQds
A8
A19
A9
A10
DQ6
DQ13
DQ12
DQ5
A11
A12
A13
A14
NC
DQ15
DQ7
DQ14
A15
A21
NC
A16
VCCf
VSS
NC
NC
NC
NC
NC
NC
Flash 1 Only
B2
C2
NC
NC
B9
C9
RY/BY#ds
CE#1ds
B3
B4
B7
B8
VSSds
NC
RESET#ds NC
F5
G5
F6
G6
NC
NC
NC
NC
K2
L2
L3
L4
NC
NC
NC
VSSds
L7
L8
K9
L9
NC
NC
WP#/ACCds
NC
MirrorBit Only
RAM Only
Flash Shared Only
93-Ball FBGA
Top View