Electronic Components Datasheet Search
  English  ▼

X  

AM70PDL129CDH Datasheet(PDF) 80 Page - Advanced Micro Devices

Part # AM70PDL129CDH
Description  2 x 64 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit (8 M x 16-Bit) CMOS
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM70PDL129CDH Datasheet(HTML) 80 Page - Advanced Micro Devices

Back Button AM70PDL129CDH Datasheet HTML 76Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 77Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 78Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 79Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 80Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 81Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 82Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 83Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 84Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 127 page
background image
78
Am70PDL127CDH/Am70PDL129CDH
November 24, 2003
ADV ANCE
I N FO RMAT I O N
TIMING DIAGRAMS
Notes: Write Cycle
1. A write occurs during the overlap (t
WP) of low CS#1s and low WE#. A write begins when CS#1s goes low and WE# goes low
with asserting UB# or LB# for single byte operation or simultaneously asserting UB# and LB# for double byte operation. A
write ends at the earliest transition when CS#1s goes high and WE# goes high. The t
WP is measured from the beginning of
write to the end of write.
2. t
CW is measured from the CS#1s going low to the end of write.
3. t
AS is measured from the address valid to the beginning of write.
4. t
WR is measured from the end of write to the address change. tWR is applied in case a write ends with CS#1s or WE# going high.
Notes: Deep Power Down Mode
1. When you toggle CS2s pin low, the device gets into the Deep Power Down mode after 0.5 ms suspend period.
2. To return to normal operation, the device needs Wake-up period.
3. Wake Up sequence is just the same as Power Up sequence.
Figure 30.
Timing Waveform of Write Cycle 3
Address
Data Valid
UB#, LB#
WE#
Data in
Data out
High-Z
High-Z
tWC
tCW(2)
tBW
tWP(1)
tDH
tDW
tWR(4)
tAW
tAS(3)
CS#1s
CS2s
MODE
Deep Power Down Mode
Normal Operation
0.5
µs
200
µs
Normal Operation
Suspend
Wake up
CS#1s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com