Electronic Components Datasheet Search
  English  ▼

X  

AM70PDL129CDH Datasheet(PDF) 71 Page - Advanced Micro Devices

Part # AM70PDL129CDH
Description  2 x 64 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit (8 M x 16-Bit) CMOS
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM70PDL129CDH Datasheet(HTML) 71 Page - Advanced Micro Devices

Back Button AM70PDL129CDH Datasheet HTML 67Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 68Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 69Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 70Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 71Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 72Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 73Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 74Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 75Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 127 page
background image
November 24, 2003
Am70PDL127CDH/Am70PDL129CDH
69
ADV ANCE
I N FO RMAT I O N
FLASH AC CHARACTERISTICS
Temporary Sector Unprotect
Note: Not 100% tested.
Parameter
All Speed Options
JEDEC
Std
Description
Unit
t
VIDR
V
ID Rise and Fall Time (See Note)
Min
500
ns
t
VHH
V
HH Rise and Fall Time (See Note)
Min
250
ns
t
RSP
RESET# Setup Time for Temporary Sector
Unprotect
Min
4
µs
t
RRB
RESET# Hold Time from RY/BY# High for
Temporary Sector Unprotect
Min
4
µs
RESET#
tVIDR
VID
VSS, VIL,
or VIH
VID
VSS, VIL,
or VIH
CE#1f or
CE#2f (PDL129 only)
WE#
RY/BY#
tVIDR
tRSP
Program or Erase Command Sequence
tRRB
Figure 20.
Temporary Sector Unprotect Timing Diagram