Electronic Components Datasheet Search
  English  ▼

X  

HC55180 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HC55180
Description  Extended Reach Ringing SLIC Family
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55180 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HC55180 Datasheet HTML 2Page - Intersil Corporation HC55180 Datasheet HTML 3Page - Intersil Corporation HC55180 Datasheet HTML 4Page - Intersil Corporation HC55180 Datasheet HTML 5Page - Intersil Corporation HC55180 Datasheet HTML 6Page - Intersil Corporation HC55180 Datasheet HTML 7Page - Intersil Corporation HC55180 Datasheet HTML 8Page - Intersil Corporation HC55180 Datasheet HTML 9Page - Intersil Corporation HC55180 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Electrical Specifications
Unless Otherwise Specified, TA = 0°C to 70°C for the HC55183, 184 only, all others -40°C to 85°C, VBL = -24V, VCC = +5V, AGND = BGND = 0V,
loop current limit = 25mA. All AC Parameters are specified at 600
Ω 2-wire terminating impedance over the frequency band of 300Hz to 3.4kHz.
Protection resistors = 0
Ω.
PARAMETER
HC55180 (NOTE 7)
HC55181
HC55183, HC55184
UNITS
TEST CONDITIONS
MIN
TYP
MAX
TEST CONDITIONS
MIN
TYP
MAX
TEST CONDITIONS
MIN
TYP
MAX
RINGING PARAMETERS (Note 2)
Ringing Voltage
Open Circuit
(Note 8)
THD
≤ 0.5%
VB = -85V
-80
-
THD
≤ 0.5%
VBH = -85V
80
-
-
THD
≤ 0.5%
VBH = -75V
70
-
-
VPEAK
THD
≤ 0.5%
VB = -100V
-95
-
THD
≤ 0.5%
VBH = -100V
95
-
-
(Note 9)
-
-
-
VPEAK
Ringing Voltage
Load = 1.3K
(Notes 8, 10)
THD
≤ 3.0%
VB = -85V
-80
-
THD
≤ 3.0%
VBH = -85V
80
-
-
THD
≤ 3.0%
VBH = -75V
70
-
-
VPEAK
THD
≤ 3.0%
VB = -100V
-95
-
THD
≤ 3.0%
VBH = -100V
95
-
-
(Note 9)
-
-
-
VPEAK
Tip Centering Voltage
VB = -85V, RL = ∞
-±2.5
-
VBH = -85V, RL = ∞
--
±2.5
VBH = -75V, RL = ∞
--
±3
V
VB = -100V, RL = ∞
-±2.0
-
VBH = -100V, RL = ∞
-
-
±2.0
(Note 9)
-
-
-
V
Ring Centering Voltage
VB = -85V, RL = ∞
-±2.5
-
VBH = -85V, RL = ∞
--
±2.5
VBH = -75V, RL = ∞
--
±3
V
VB = -100V, RL = ∞
-±2.0
-
VBH = -100V, RL = ∞
-
-
±2.0
(Note 9)
-
-
-
V
AC TRANSMISSION PARAMETERS (Notes 5, 6)
2-Wire Longitudinal Balance
(Notes 12, 13)
(Note 11)
-
-
-
-
-
-
Grade E
45
53
-
dB
Grade C, D
-
59
-
Grade C, D
53
59
-
(Note 11)
-
-
-
dB
4-Wire Longitudinal Balance
(Note 11)
-
-
-
-
-
-
Grade E
-
58
-
dB
Grade C, D
-
64
-
Grade C, D
-
64
-
(Note 11)
-
-
-
dB
2-Wire to 4-Wire Level Linearity
4-Wire to 2-Wire Level
Linearity
Referenced to -10dBm
+3 to -40dBm, 1kHz
-
±0.02
5
-
+3 to -40dBm, 1kHz
-
±0.025
-
+3 to -40dBm, 1kHz
-
±0.02
5
-dB
-40 to -50dBm, 1kHz
-
±0.05
0
-
-40 to -50dBm, 1kHz
-
±0.050
-
-40 to -50dBm, 1kHz
-
±0.05
0
-dB
-50 to -55dBm, 1kHz
-
±0.10
0
-
-50 to -55dBm, 1kHz
-
±0.100
-
-50 to -55dBm, 1kHz
-
±0.10
0
-dB
DC PARAMETERS
Loop Current Accuracy
(Notes 5, 6)
IL = 25mA
-
-
± 8.5
IL = 25mA
-
-
± 8.5
IL = 25mA
-
-
± 10
%
Open Circuit Voltage
(|Tip - Ring|, Note 6)
VB = -16V
-
7.5
-
VBL = -16V
6.0
7.5
9.0
VBL = -16V
-
7.5
-
V
VB = -24V
14
15.5
17
VBL = -24V
14
15.5
17
VBL = -24V
14
15.5
17
V
VB > -60V
43
50
-
VBH = -60V, BSEL = 1
43
50
-
VBH = -60V, BSEL = 1
43
50
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com