Electronic Components Datasheet Search
  English  ▼

X  

HC55180 Datasheet(PDF) 19 Page - Intersil Corporation

Part # HC55180
Description  Extended Reach Ringing SLIC Family
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55180 Datasheet(HTML) 19 Page - Intersil Corporation

Back Button HC55180 Datasheet HTML 13Page - Intersil Corporation HC55180 Datasheet HTML 14Page - Intersil Corporation HC55180 Datasheet HTML 15Page - Intersil Corporation HC55180 Datasheet HTML 16Page - Intersil Corporation HC55180 Datasheet HTML 17Page - Intersil Corporation HC55180 Datasheet HTML 18Page - Intersil Corporation HC55180 Datasheet HTML 19Page - Intersil Corporation HC55180 Datasheet HTML 20Page - Intersil Corporation HC55180 Datasheet HTML 21Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
19
Additional Application Diagrams
Reducing Overhead Voltages
The transmission overhead voltage of the device is
internally set to 4V per side. The overhead voltage may be
reduced by injecting a negative DC voltage on the receive
input using a voltage divider (Figure 18). Accordingly, the
2-wire port overload level will decrease the same amount
as the injected offset.
The divider shunt resistance is the parallel combination of
the internal 160k
Ω resistor and the external R
2. The sum of
R1 and R2 should be greater than 500kΩ to minimize the
additional power dissipation of the divider. The DC gain
relationship from the divider voltage, VD, to the Tip and Ring
outputs is shown below.
With a low battery voltage -24V and a divider voltage of
-0.5V, the Tip to Ring voltage is 17V. As a result, the
overhead voltage is reduced from 8V to 7V and the overload
level will decrease from 3.5VPEAK to 3.0VPEAK.
CODEC Ringing Generation
Maximum ringing amplitudes of the device are achieved with
signal levels approximately 2.4VP-P. Therefore the low pass
receive output of the CODEC may serve as the low level ring
generator. The ringing input impedance of 480k
Ω minimum
should not interfere with CODEC drive capability. A single
external capacitor is required to AC coupled the ringing
signal from the CODEC. The circuit diagram for CODEC
ringing is shown below.
Implementing Teletax Signalling
A resistor, RT, is required at the -IN input of the device for
injecting the teletax signal (Figure 19). For most
applications the synthesized device impedance (i.e., 600
Ω)
will not match the 200
Ω teletax impedance. The gain set by
RT cancels the impedance matching feedback with respect
to the teletax injection point. Therefore the device appears
as a low impedance source for teletax. The resistor RT is
calculated using the following equation.
The signal level across a 200
Ω load will be twice the injected
teletax signal level. As the teletax level at VTX will equal the
injection level, set RC = RB for cancellation. The value of RB
is based on the voice band transhybrid balance
requirements. The connection of the teletax source to the
transhybrid amplifier should be AC coupled to allow proper
biasing of the transhybrid amplifier input
Ringing With DC Offsets
The balanced ringing waveform consists of zero DC offset
between the Tip and Ring terminals. However, the linear
amplifier architecture provides control of the DC offset during
ringing. The DC gain is the same as the AC gain, 40V/V per
amplifier. Positive DC offsets applied directly to the ringing
input will shift both Tip and Ring away from half battery
towards ground and battery respectively. A voltage divider
on the ringing input may be used to generate the offset
(Figure 21). The reference voltage, VREF, can be either the
CODEC 2.4V reference voltage or the 5V supply.
An offset during ringing of 30V, would require a DC shift of
15V at Tip and 15V at Ring. The DC offset would be created
by a +0.375V (VD) at the VRS input. The divider resistors
should be selected to minimize the value of the AC coupling
capacitor CRS and the loading of the ring generator and
voltage reference. The ringing input impedance should also
be accounted for in divider resistor calculations.
FIGURE 18. EXTERNAL OVERHEAD CONTROL
HC5518X
VBL
FROM
CODEC
R2
R1
CRX
VD
160k
Ω
1:1
VRX
V
TR
–
V
BL
82
V
D
×
()
–
–
=
(EQ. 38)
FIGURE 19. CODEC RINGING INTERFACE
HC5518X
RX OUT
CODEC
160k
Ω
1:1
VRS
+
-
480K
VRX
R
T
200
200
2
R
P
×
R
S 400
⁄
()
++
------------------------------------------------------------------- R
S
×
=
(EQ. 39)
FIGURE 20. TELETAX SIGNALLING
+
-
RF
RB
CODEC
+2.4V
TX IN
-IN
VFB
VTX
RS
CFB
TA
RT
RC
TELETAX
SOURCE
FIGURE 21. EXTERNAL OVERHEAD CONTROL
VREF
FROM
RING GEN.
R2
R1
CRS
VD
HC5518X
VRS
+
-
480K
HC55180, HC55181, HC55183, HC55184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com