Electronic Components Datasheet Search
  English  ▼

X  

HC55180 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HC55180
Description  Extended Reach Ringing SLIC Family
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55180 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HC55180 Datasheet HTML 3Page - Intersil Corporation HC55180 Datasheet HTML 4Page - Intersil Corporation HC55180 Datasheet HTML 5Page - Intersil Corporation HC55180 Datasheet HTML 6Page - Intersil Corporation HC55180 Datasheet HTML 7Page - Intersil Corporation HC55180 Datasheet HTML 8Page - Intersil Corporation HC55180 Datasheet HTML 9Page - Intersil Corporation HC55180 Datasheet HTML 10Page - Intersil Corporation HC55180 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Low Power Standby
Open Circuit Voltage
(Tip - Ring, Note 2)
VB = -48V
43
47
-
VBH = -48V
43
-
47
VBH = -48V
43
-
47
V
VB > -60V
43
49
-
VBH = -60V, BSEL = 1
43
49
-
VBH = -60V, BSEL = 1
43
49
-
V
Absolute Open Circuit
Voltage (Note 6)
VRG in LPS and FA
VTG in RA
VB > -60V
--53
-56
VRG in LPS and FA
VTG in RA
VBH = -60V, BSEL = 1
--53
-56
VRG in LPS and FA
VTG in RA
VBH = -60V, BSEL = 1
--53
-56
V
TEST ACCESS FUNCTIONS
Switch On Voltage
(Note 14)
-
-
-
IOL = 45mA
-
0.30
0.60
(Note 14)
-
-
-
V
Loopback Max Battery
-
-
52
-
-
52
(Note 15)
-
-
52
V
SUPPLY CURRENTS (Supply currents not listed are considered negligible and do not contribute significantly to total power dissipation. All measurements made under open circuit load conditions.)
Low Power Standby
(Note 2)
ICC
2.0
3.7
6.0
ICC
2.0
3.7
6.0
ICC
-3.7
6.0
mA
IB, VB = -100V, -85V
-
0.375
0.600 IBH, VBH = -100V, -85V
-
0.375
0.600
IBH, VBH = -75V
-
0.375
-
mA
Forward or Reverse
(Note 5)
ICC
2.5
4.0
5.0
ICC
2.5
4.0
5.0
ICC
2.0
4.0
6.0
mA
IB, VB = -24V
-
1.0
2.5
IBL
-1.0
2.5
IBL
-1.0
2.5
mA
Forward
(Note 2)
ICC
3.5
5.5
8.0
ICC
3.5
5.5
8.0
ICC
2.0
5.5
8.0
mA
(Note 7)
-
-
-
IBL
-1.3
2.0
IBL
-1.3
2.5
mA
IB, VB = -100V, -85V
-
3.2
4.5
IBH, VBH = -100V, -85V
-
1.7
2.5
IBH, VBH = -75V
-
1.4
3.0
mA
Ringing
(Note 2)
ICC
-8.5
-
ICC
-8.5
-
ICC
-8.5
-
mA
(Note 7)
-
-
-
IBL
-0.4
2.0
IBL
-0.4
2.0
mA
IB, VB = -100V, -85V
-
2.3
5.0
IBH, VBH = -100V, -85V
-
1.3
2.5
IBH, VBH = -75V
-
1.3
2.5
mA
Forward Loopback
(Note 5)
ICC
-
8.5
10.0
ICC
-
8.5
10.0
(Note 15)
-
-
-
mA
IB, VB = -24V
-
19
25.5
IBL
-
19
25.5
-
-
-
mA
Tip Open
(Note 5)
ICC
--
5.5
ICC
-
-
5.5
(Note 16)
-
-
-
mA
IB, VB = -24V
-
-
1.0
IBL
--
1.0
-
-
-
mA
Power Denial
(Note 5)
ICC
0.5
3.0
6.0
ICC
0.5
3.0
6.0
ICC
-3.0
6.0
mA
IB, VB = -24V
-
0.2
0.5
IBL
-0.2
0.5
IBL
-0.2
0.5
mA
ON HOOK POWER DISSIPATION (Note 17)
Forward or Reverse
(Notes 5, 6)
VB = -24V
-
44
60
VBL = -24V
-
44
60
VBL = -24V
-
44
60
mW
Electrical Specifications
Unless Otherwise Specified, TA = 0°C to 70°C for the HC55183, 184 only, all others -40°C to 85°C, VBL = -24V, VCC = +5V, AGND = BGND = 0V,
loop current limit = 25mA. All AC Parameters are specified at 600
Ω 2-wire terminating impedance over the frequency band of 300Hz to 3.4kHz.
Protection resistors = 0
Ω. (Continued)
PARAMETER
HC55180 (NOTE 7)
HC55181
HC55183, HC55184
UNITS
TEST CONDITIONS
MIN
TYP
MAX
TEST CONDITIONS
MIN
TYP
MAX
TEST CONDITIONS
MIN
TYP
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com