Electronic Components Datasheet Search
  English  ▼

X  

HC55180 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HC55180
Description  Extended Reach Ringing SLIC Family
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55180 Datasheet(HTML) 1 Page - Intersil Corporation

  HC55180 Datasheet HTML 1Page - Intersil Corporation HC55180 Datasheet HTML 2Page - Intersil Corporation HC55180 Datasheet HTML 3Page - Intersil Corporation HC55180 Datasheet HTML 4Page - Intersil Corporation HC55180 Datasheet HTML 5Page - Intersil Corporation HC55180 Datasheet HTML 6Page - Intersil Corporation HC55180 Datasheet HTML 7Page - Intersil Corporation HC55180 Datasheet HTML 8Page - Intersil Corporation HC55180 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
®
FN4519.7
HC55180, HC55181, HC55183,
HC55184
Extended Reach Ringing SLIC Family
The RSLIC18™ family of ringing subscriber line interface
circuits (RSLIC) supports analog Plain Old Telephone
Service (POTS) in short and medium loop length, wireless
and wireline applications. Ideally suited for remote
subscriber units, this family of products offers flexibility to
designers with high ringing voltage and low power
consumption system requirements.
The RSLIC18 family operates to 100V which translates
directly to the amount of ringing voltage supplied to the end
subscriber. With the high operating voltage, subscriber loop
lengths can be extended to 500
Ω (i.e., 5,000 feet) and
beyond.
Other key features across the product family include: low
power consumption, ringing using sinusoidal or trapezoidal
waveforms, robust auto-detection mechanisms for when
subscribers go on or off hook, and minimal external discrete
application components. Integrated test access features are
also offered on selected products to support loopback
testing as well as line measurement tests.
There are five product offerings in the RSLIC18 family:
HC55180, HC55181, HC55183 and HC55184. The
architecture for this family is based on a voltage feed
amplifier design using low fixed loop gains to achieve high
analog performance with low susceptibility to system
induced noise.
Block Diagram
Features
• Battery Operation to 100V
• Low Standby Power Consumption of 50mW
• Peak Ringing Amplitude 95V, 5 REN
• Sinusoidal or Trapezoidal Ringing Capability
• Integrated CODEC Ringing Interface
• Integrated MTU DC Characteristics
• Low External Component Count
• Pulse Metering and On Hook Transmission
• Tip Open Ground Start Operation
• Thermal Shutdown with Alarm Indicator
• 28 Lead Surface Mount Packaging
• Dielectric Isolated (DI) High Voltage Design
• HC55180
- Silent Polarity Reversal
- 53dB Longitudinal Balance
- Loopback Test Capability
• HC55181
- Integrated Battery Switch
- Silent Polarity Reversal
- 53dB Longitudinal Balance
- Loopback and Test Access Capability
• HC55183
- Integrated Battery Switch
- 45dB Longitudinal Balance
• HC55184
- Integrated Battery Switch
- Silent Polarity Reversal
- 45dB Longitudinal Balance
•
Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Wireless Local Loop (WLL)
• Digital Added Main Line (DAML)/Pairgain
• Integrated Services Digital Network (ISDN)
• Small Office Home Office (SOHO) PBX
• Cable/Computer Telephony
Related Literature
• AN9814, User’s Guide for Development Board
• AN9824, Modeling of the AC Loop
VRS
VRX
VTX
-IN
VFB
F2
F1
F0
ILIM
TIP
RING
SW+
SW-
RTD RD
DET ALM
RINGING
PORT
4-WIRE
PORT
CONTROL
LOGIC
BATTERY
SWITCH
TRANSMIT
SENSING
DETECTOR
LOGIC
DC
CONTROL
2-WIRE
PORT
TEST
ACCESS
E0
POL
CDC
VBH
VBL
BSEL
SWC
Data Sheet
July 13, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2003, 2005. All Rights Reserved
RSLIC18™ is a trademark of Intersil Corporation. All other trademarks mentioned are the property of their respective owners.
NOT
REC
OMM
END
ED F
OR
NEW
DES
IGNS
REC
OMM
END
ED R
EPL
ACE
MEN
T
HC5
5185


Similar Part No. - HC55180

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55180 INTERSIL-HC55180 Datasheet
158Kb / 19P
Extended Reach Ringing SLIC Family
October 1998
HC55180CIM INTERSIL-HC55180CIM Datasheet
158Kb / 19P
Extended Reach Ringing SLIC Family
October 1998
HC55180DIM INTERSIL-HC55180DIM Datasheet
158Kb / 19P
Extended Reach Ringing SLIC Family
October 1998
More results

Similar Description - HC55180

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
Dual Ringing SLIC
May 2001
logo
Intersil Corporation
HC55180 INTERSIL-HC55180 Datasheet
158Kb / 19P
Extended Reach Ringing SLIC Family
October 1998
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
VoIP Ringing SLIC Family
April 2000
ISL5585 INTERSIL-ISL5585 Datasheet
425Kb / 22P
3.3V Ringing SLIC Family for Voice Over Broadband VOB
October 2003
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
Analog Ringing SLIC
logo
List of Unclassifed Man...
AG1160 ETC2-AG1160 Datasheet
278Kb / 12P
5V RINGING SLIC
logo
Intersil Corporation
HC55185 INTERSIL-HC55185_06 Datasheet
358Kb / 20P
VoIP Ringing SLIC Family
December 18, 2006
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
Extended Reach Ringing SLIC Family
August 10, 2010
logo
Renesas Technology Corp
HC55183 RENESAS-HC55183 Datasheet
799Kb / 19P
Extended Reach Ringing SLIC Family
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
VoIP Ringing SLIC Family
February 9, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com