Electronic Components Datasheet Search
  English  ▼

X  

LTM4712 Datasheet(PDF) 8 Page - Analog Devices

Part # LTM4712
Description  36VIN, 12A Step-Up/Step-Down Buck-Boost μModule Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4712 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTM4712 Datasheet HTML 4Page - Analog Devices LTM4712 Datasheet HTML 5Page - Analog Devices LTM4712 Datasheet HTML 6Page - Analog Devices LTM4712 Datasheet HTML 7Page - Analog Devices LTM4712 Datasheet HTML 8Page - Analog Devices LTM4712 Datasheet HTML 9Page - Analog Devices LTM4712 Datasheet HTML 10Page - Analog Devices LTM4712 Datasheet HTML 11Page - Analog Devices LTM4712 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LTM4712
8
Rev. 0
For more information www.analog.com
BLOCK DIAGRAM
Figure 1. LTM4712 Block Diagram
VOUT
VIN
4.7µH
M1
M2
M3
M4
VIN
SW2
VOUT
RUN
MODE
INTVCC
EXTVCC
SS
PGOOD
SYNC
PHMODE
COMPa
COMPb
CLKOUT
ISP
ISN
FB
ISET
IMON
FREQ
1µF
1µF
100k
6.04k
100pF
22nF
2.2µF
0.1µF
RFREQ
RFB
COUT
CIN
SGND
SW1
PGND
CINTVCC
CSS
COUT
100µF
CIN
150µF
9.09k
140k
12V
22 F
×3
10nF
4.7uF
10µF
×4
5V TO
36V
×2
4712 F01
BUCK-BOOST CONTROLLER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com