Electronic Components Datasheet Search
  English  ▼

X  

LTM4712 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM4712
Description  36VIN, 12A Step-Up/Step-Down Buck-Boost μModule Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4712 Datasheet(HTML) 1 Page - Analog Devices

  LTM4712 Datasheet HTML 1Page - Analog Devices LTM4712 Datasheet HTML 2Page - Analog Devices LTM4712 Datasheet HTML 3Page - Analog Devices LTM4712 Datasheet HTML 4Page - Analog Devices LTM4712 Datasheet HTML 5Page - Analog Devices LTM4712 Datasheet HTML 6Page - Analog Devices LTM4712 Datasheet HTML 7Page - Analog Devices LTM4712 Datasheet HTML 8Page - Analog Devices LTM4712 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LTM4712
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
36VIN, 12A Step-Up/Step-Down
Buck-Boost µModule Regulator
The LTM®4712 is a high efficiency buck-boost µMod-
ule® (micromodule) regulator. The switching controller,
power switches, inductor and support components are
included in the package. The complete design requires
only a few external components, including a resistor to
set frequency, a resistor to set output voltage, input, and
output capacitors, a sensing resistor to achieve input or
output average current regulation. The LTM4712 operates
over a 5V to 36V input voltage range and can regulate
output voltages between 1V and 36V.
The LTM4712 supports selectable forced continuous
mode (FCM)/pulse-skipping mode (PSM) operation. The
current mode control enables a fast transient response
to line and load changes without sacrificing stability. The
SYNC input and CLKOUT output allow easy synchroniza-
tion. It supports multi-phase parallel operation for high
power applications.
The LTM4712 is offered in a 16mm × 16mm × 8.34mm
ball grid array (BGA) package suitable for automated
assembly by standard surface mount equipment. The
LTM4712 is RoHS-compliant.
12VOUT from 5VIN to 36VIN Buck-Boost Regulator
APPLICATIONS
n
Complete Buck-Boost Switch Mode Power Supply
n
VOUT Equal, Greater, Less Than VIN
n
Wide Input Voltage Range: 5V to 36V
n
Wide Output Voltage Range: 1V to 36V
n
12A in Buck and Buck-Boost Mode, 6A under 12VIN
and 24VOUT
n
Up to 98% Efficiency
n
Peak Current Mode Control
n
Adjustable Input or Output Average Current Limits
n
Input or Output Current Monitoring
n
Power Good Output Signal
n
Parallelable for Increased Output Current
n
Phase-Lockable Fixed Frequency: 100kHz to 600kHz
n
Selectable Forced Continuous/Pulse-Skipping Modes
n
VOUT is Disconnected from VIN During Shutdown
n
16mm ×16mm × 8.34mm BGA Package
n
Telecom, Servers and Networking Equipment
n
Industrial Control
n
High Power Battery-Operated Devices
All registered trademarks and trademarks are the property of their respective owners.
100µF
×3
10µF
×4
0.1µF
140k
9.09k
LTM4712
VIN
RUN
SS
MODE
SYNC
VOUT
FB
PHMODE
COMPa
VOUT
12V,
UP TO
12A
VIN
5V TO 36V
FREQ
GND
ISP
ISN
COMPb
INTVCC
EXTVCC
4712 TA01a
2.2µF
PINS NOT USED
IN THIS CIRCUIT:
CLKOUT
IMON
ISET
PGOOD
Efficiency and Power Loss vs VIN
INPUT VOLTAGE (V)
8
12
16
20
24
28
32
36
91
92
93
94
95
96
97
98
2
4
5
7
8
10
12
13
15
16
18
4712 TA01b
POWER LOSS
EFFICIENCY
VOUT = 12V


Similar Part No. - LTM4712

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM4712 AD-LTM4712 Datasheet
1Mb / 10P
LTM4712 36VIN, 12A Buck-Boost μModule Regulator
Rev. 0 09/23
LTM4712EY AD-LTM4712EY Datasheet
1Mb / 10P
LTM4712 36VIN, 12A Buck-Boost μModule Regulator
Rev. 0 09/23
More results

Similar Description - LTM4712

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8430AF SII-S-8430AF Datasheet
1Mb / 23P
STEP UP & DOWN VOLTAGE REGULATOR
logo
Exar Corporation
SP7662 EXAR-SP7662_12 Datasheet
1Mb / 19P
12A 300KHz Synchronous Step Down Regulator
XRP7662 EXAR-XRP7662 Datasheet
1Mb / 19P
12A 300KHz Synchronous Step Down Regulator
logo
Linear Technology
LTM8026 LINER-LTM8026_15 Datasheet
606Kb / 28P
36VIN, 5A CVCC Step-Down Module Regulator
LTM8052A LINER-LTM8052A_15 Datasheet
686Kb / 32P
36VIN, 5A, 2-Quadrant CVCC Step-Down Module Regulator
LTM8055 LINER-LTM8055_15 Datasheet
500Kb / 24P
36VIN, 8.5A Buck-Boost Module Regulator
LTM8026_1208 LINER-LTM8026_1208 Datasheet
334Kb / 26P
36VIN, 5A CVCC Step-Down Module Regulator
LTM8054 LINER-LTM8054 Datasheet
608Kb / 8P
36VIN, 5.4A Buck-Boost 36VIN, 5.4A Buck-Boost
logo
Shenzhen Huazhimei Semi...
HM3345 HMSEMI-HM3345 Datasheet
1Mb / 8P
Step-up, step-down, step-up and step-down LED driver chip
logo
Analog Devices
LTM4638 AD-LTM4638 Datasheet
2Mb / 30P
20VIN, 15A Step-Down DC/DC μModule Regulator
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com