Electronic Components Datasheet Search
  English  ▼

X  

LTM4712 Datasheet(PDF) 22 Page - Analog Devices

Part # LTM4712
Description  36VIN, 12A Step-Up/Step-Down Buck-Boost μModule Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4712 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTM4712 Datasheet HTML 18Page - Analog Devices LTM4712 Datasheet HTML 19Page - Analog Devices LTM4712 Datasheet HTML 20Page - Analog Devices LTM4712 Datasheet HTML 21Page - Analog Devices LTM4712 Datasheet HTML 22Page - Analog Devices LTM4712 Datasheet HTML 23Page - Analog Devices LTM4712 Datasheet HTML 24Page - Analog Devices LTM4712 Datasheet HTML 25Page - Analog Devices LTM4712 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
LTM4712
22
Rev. 0
For more information www.analog.com
Figure 27. Inverting Configuration Example for 24VIN, –12VOUT
150 F
×2
10 F
×4
10nF
2.2 F
1 F
22 F
×6
140k
9.09k
100k
100k
2mΩ
OPTIONAL
0.1 F
×2
LTM4712
VIN
RUN
SS
MODE
SYNC
VOUT
FB
PHMODE
COMPa
–VOUT
–12V,
10A
VIN
24V
FREQ
GND
ISP
ISN
COMPb
INTVCC
EXTVCC
4712 F27
–VOUT
100 F
×2
PINS NOT USED
IN THIS CIRCUIT:
CLKOUT
ISET
PGOOD
IMON
PINS NOT USED IN THIS CIRCUIT:
ISET
CLKOUT
TYPICAL APPLICATIONS
Figure 28. Application Circuit for 10A Constant Load Current
100µF
10µF
×4
10nF
140k
2.2µF
5m
100k
100k
1µF
150µF
9.09k
100k
LTM4712
VIN
RUN
SS
MODE
SYNC
VOUT
FB
PHMODE
PGOOD
COMPa
VOUT
10A
VIN
8V TO
24V
FREQ
GND
ISP
ISN
COMPb
INTVCC
EXTVCC
100µF
×2
4712 F28
+
PINS NOT USED IN THIS CIRCUIT:
ISET
CLKOUT
1
IMON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com