Electronic Components Datasheet Search
  English  ▼

X  

LTM4712 Datasheet(PDF) 3 Page - Analog Devices

Part # LTM4712
Description  36VIN, 12A Step-Up/Step-Down Buck-Boost μModule Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4712 Datasheet(HTML) 3 Page - Analog Devices

  LTM4712 Datasheet HTML 1Page - Analog Devices LTM4712 Datasheet HTML 2Page - Analog Devices LTM4712 Datasheet HTML 3Page - Analog Devices LTM4712 Datasheet HTML 4Page - Analog Devices LTM4712 Datasheet HTML 5Page - Analog Devices LTM4712 Datasheet HTML 6Page - Analog Devices LTM4712 Datasheet HTML 7Page - Analog Devices LTM4712 Datasheet HTML 8Page - Analog Devices LTM4712 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LTM4712
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications that apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. RUN = 5V unless otherwise noted (Note 2).
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
l
5
36
V
Output Voltage Range
(Note 4)
l
1
36
V
Output DC Voltage
RFB = Open
RFB = 9.09k
1
12
V
V
Output DC Current Range (Note 5)
VIN = 5V, VOUT = 12V, 400kHz
VIN = 12V, VOUT = 12V, 400kHz
6
12
A
A
Quiescent Current Into VIN,
VIN = 12V, VOUT = 12V
RUN = 0V (Disabled)
RUN = 0.9V (Standby)
No load, MODE = OPEN (PSM)
No load, MODE=0V Forced Continuous Mode (FCM)
80
2.5
40
55
μA
mA
mA
mA
Voltage at FB Pin
Forced Continuous Mode (FCM)
l
0.99
0.98
1
1.01
1.02
V
V
Resistor Between VOUT and FB Pins
100
kΩ
Output Voltage Line Regulation
5V ≤ VIN ≤ 36V, VOUT = 12V, IOUT = 10mA, FCM , 400kHz l
0.02
0.1
%/V
Output Voltage Load Regulation
VIN = 12V, VOUT = 12V, 10mA < IOUT < 12A, FCM , 400kHz
0.5
%
l
0.8
%
Input Undervoltage Lockout
VIN Rising
VIN Falling
4.6
4.4
V
v
INTVCC Regulation Voltage
VIN = 6V to 36V
4.8
5
V
INTVCC Load Regulation
IINTVCC = 0mA to 10mA, VIN = 12V
0.3
%
Switching Frequency
RT = 58k
RT = 140k (Recommended)
RT = 200k
100
400
600
kHz
kHz
kHz
FREQ Pin Output Current
9
10
11
μA
RUN Pin Falling Threshold
RUN Pin Threshold 1 (Shutdown to Standby)
RUN Pin Threshold 2 (Standby to ON)
l
0.4
1.1
0.55
1.2
0.7
1.3
V
V
RUN Pin Current
RUN = 1V
RUN = 1.6V
2
6
µA
µA
Soft-Start Charging Current
2.5
µA
ISP Pin Input Current
VISP = VISN = 12V, VISP – VISN = 50 mV
14
µA
ISN Pin Input Current
VISP = VISN = 12V, VISP – VISN = 50 mV
14
µA
Average Current Sense Amplifier Output
VISP –VISN = 0mV
VISP –VISN = 50mV
200
1200
mV
mV
ISET Pin Output Current
14
15
16
µA
PGOOD Leakage Current
VPGOOD = 6.0V
±1
μA
PGOOD Trip Level, VFB Respect to Set
Regulated Voltage
VFB Ramping Negative
VFB Ramping Positive
–10
10
%
%
CLKOUT Output High
4.8
5
V
CLKOUT Output Low
0.2
V
EXTVCC Threshold
EXTVCC Threshold Rising
EXTVCC Threshold Falling
7.7
7.2
V
V
SYNC Input High Threshold
SYNC Pin Rising
SYNC Pin Falling
1.35
1
V
V
Synchronizable Frequency
SYNC = External Clock
100
600
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com