Electronic Components Datasheet Search
  English  ▼

X  

LTM8056 Datasheet(PDF) 11 Page - Analog Devices

Part # LTM8056
Description  36VIN, 12A Step-Up/Step-Down Buck-Boost μModule Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8056 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM8056 Datasheet HTML 7Page - Analog Devices LTM8056 Datasheet HTML 8Page - Analog Devices LTM8056 Datasheet HTML 9Page - Analog Devices LTM8056 Datasheet HTML 10Page - Analog Devices LTM8056 Datasheet HTML 11Page - Analog Devices LTM8056 Datasheet HTML 12Page - Analog Devices LTM8056 Datasheet HTML 13Page - Analog Devices LTM8056 Datasheet HTML 14Page - Analog Devices LTM8056 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LTM4712
11
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Without considering the inductor current ripple, the
RMS current of the input capacitor can be estimated
with Equation 3.
ICIN(RMS) =
IOUTMAX
%
• D • (1– D)
(3)
where η is the estimated efficiency of the power module.
The formula has a maximum at D = 0.5 or VIN = 2VOUT,
where IIN(RMS) = IOUT(MAX)/2. This simple worst-case con-
dition is commonly used for design.
Output Decoupling Capacitors
Discontinuous current shifts from the input to the output
in the boost region. Make sure that the COUT capacitor
network is capable of reducing the output voltage rip-
ple. The effects of ESR and the bulk capacitance must be
considered when choosing the right capacitor for a given
output ripple voltage. The maximum steady state ripple
due to charging and discharging the bulk capacitance is
given by Equation 4.
∆VCAP(BOOST) =
•(VOUT VIN(MIN))
COUT • VOUT • fSW
∆VCAP(BUCK) =
VOUT •(VIN(MAX) VOUT)
8 •L • COUT • VIN(MAX) • fSW2
IOUT(MAX)
(4)
The maximum steady ripple due to the voltage drop
across the ESR is given by Equation 5.
∆VESR(BOOST) =
VOUT •IOUT
VIN(MAX)
• ESR
∆VESR(BUCK) =
VOUT •(VIN(MAX) VOUT)
VIN(MAX) •L • fSW
• ESR
(MAX)
(5)
The bulk output capacitors defined as COUT are chosen
with low enough ESR to meet the output voltage ripple
and transient requirements. COUT can be the low ESR
tantalum capacitor, the low ESR polymer capacitor, or
the ceramic capacitor. Multiple capacitors can be placed
in parallel to meet the ESR and RMS current handling
requirements. The typical capacitance is 10μF. Additional
output filtering may be required by the system designer,
if further reduction of output ripple or dynamic transient
spike is required.
Power Good (PGOOD Pin)
The PGOOD pin is connected to the open-drain of an inter-
nal N-channel MOSFET. When VFB is not within ±10% of
the 1.0V reference voltage, the PGOOD pin is pulled low.
The PGOOD pin is also pulled low when RUN is below
1.22V or when the LTM4712 is in the soft-start phase.
There is an internal 30μs delay when VFB goes in or out
of the ±10% window. The PGOOD pin can be pulled up
by an external resistor to INTVCC or an external source
of up to 6V.
Low Current Operation (MODE Pin)
In applications where fixed frequency operation is more
critical than low current efficiency, and where the low-
est output ripple is desired, forced continuous operation
should be used. Forced continuous operation is enabled
by tying the MODE pin to GND. In this mode, inductor
current is allowed to reverse during low output loads,
the COMP voltage is in control of the current comparator
threshold throughout. During start-up, forced continu-
ous mode is disabled and inductor current is prevented
from reversing until the LTM4712’s output voltage is in
regulation.
In applications where high efficiency at intermediate
current are more important than output voltage ripple,
pulse-skipping mode of operation can be selected by
floating the MODE pin to improve light load efficiency.
Constant Current Regulation (ISP, ISN, and ISET Pins)
The LTM4712 provides a constant-current regulation
loop for either input or output average current. A sens-
ing resistor close to the input or output capacitor can
be used to sense the input or output current. Because
the input or output current may be a pulse current in the
different operation regions, an RC filter has to be applied
on ISP and ISN pins for average current sensing. When
the voltage on the current sensing resistor exceeds the
programmed current limit, the voltage on the COMP pin is
pulled low to decrease the inductor current and maintain
the desired maximum input or output current. The current
limit may be set by the voltage on the ISET pin from 0.2V
to 1.2V corresponding to the linearly 0mV to 50mV across
the sensing resistor. There is a 15µA current out of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com