Electronic Components Datasheet Search
  English  ▼

X  

LTM8056 Datasheet(PDF) 20 Page - Analog Devices

Part # LTM8056
Description  36VIN, 12A Step-Up/Step-Down Buck-Boost μModule Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8056 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTM8056 Datasheet HTML 16Page - Analog Devices LTM8056 Datasheet HTML 17Page - Analog Devices LTM8056 Datasheet HTML 18Page - Analog Devices LTM8056 Datasheet HTML 19Page - Analog Devices LTM8056 Datasheet HTML 20Page - Analog Devices LTM8056 Datasheet HTML 21Page - Analog Devices LTM8056 Datasheet HTML 22Page - Analog Devices LTM8056 Datasheet HTML 23Page - Analog Devices LTM8056 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
LTM4712
20
Rev. 0
For more information www.analog.com
Figure 25. 4× LTM4712 in Parallel to Provide Up to 48A Output Current
VFB
VFB
VFB
VFB
COMP
COMP
COMP
COMP
VSS
VSS
VSS
VSS
150µF
×4
10µF
0.1µF
100k
2.26k
1µF
158k
1000pF
150µF
×4
10µF
1µF
1000pF
150µF
×4
10µF
1µF
1000pF
150µF
×4
10µF
1µF
1000pF
×6
22µF
×2
100µF
2m
×6
22µF
×2
100µF
2m
×6
22µF
×2
100µF
2m
×6
22µF
×2
100µF
2m
0.1µF
0.1µF
0.1µF
2.2µF
100k
158k
2.2µF
100k
158k
2.2µF
100k
158k
2.2µF
LTM4712
VIN
RUN
IMON
SS
MODE
SYNC
VOUT
FB
PHMODE
PGOOD
COMPa
FREQ
GND
ISP
ISN
COMPb
INTVCC
EXTVCC
CLKOUT
VOUT
12V,
48A
SEE EVAL-LTM4712-AZ EVALUATION
KIT FOR DETAILED DESIGN.
VIN
10V TO
36V
4712 F25
LTM4712
VIN
RUN
SS
MODE
SYNC
VOUT
FB
PHMODE
PGOOD
COMPa
FREQ
GND
ISP
ISN
COMPb
INTVCC
EXTVCC
CLKOUT
LTM4712
VIN
RUN
SS
MODE
SYNC
VOUT
FB
PHMODE
PGOOD
COMPa
FREQ
GND
ISP
ISN
COMPb
INTVCC
EXTVCC
CLKOUT
LTM4712
VIN
RUN
SS
MODE
SYNC
VOUT
FB
PHMODE
PGOOD
COMPa
FREQ
GND
ISP
ISN
COMPb
INTVCC
EXTVCC
CLKOUT
PINS NOT USED
IN THIS CIRCUIT:
ISET
IMON
IMON
IMON
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com