Electronic Components Datasheet Search
  English  ▼

X  

LTM8056 Datasheet(PDF) 21 Page - Analog Devices

Part # LTM8056
Description  36VIN, 12A Step-Up/Step-Down Buck-Boost μModule Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8056 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTM8056 Datasheet HTML 17Page - Analog Devices LTM8056 Datasheet HTML 18Page - Analog Devices LTM8056 Datasheet HTML 19Page - Analog Devices LTM8056 Datasheet HTML 20Page - Analog Devices LTM8056 Datasheet HTML 21Page - Analog Devices LTM8056 Datasheet HTML 22Page - Analog Devices LTM8056 Datasheet HTML 23Page - Analog Devices LTM8056 Datasheet HTML 24Page - Analog Devices LTM8056 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LTM4712
21
Rev. 0
For more information www.analog.com
Figure 26. Input Redundancy Application Circuit
10µF
×4
10nF
140k
9.09k
2.2µF
10µF
×4
10nF
140k
9.09k
2.2µF
100µF
150µF
150µF
LTM4712
VIN
RUN
SS
MODE
SYNC
VOUT
FB
PHMODE
COMPa
FREQ
CLKOUT
GND
ISP
ISN
COMPb
INTVCC
EXTVCC
LTM4712
VIN
RUN
SS
MODE
SYNC
VOUT
FB
PHMODE
COMPa
FREQ
CLKOUT
GND
ISP
ISN
COMPb
INTVCC
EXTVCC
×6
VOUT
12V,
UP TO
24A
4712 F26
VIN1
5V TO
36V
VIN2
5V TO
36V
PINS NOT USED
IN THIS CIRCUIT:
IMON
ISET
PGOOD
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com