Electronic Components Datasheet Search
  English  ▼

X  

LTM8056 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM8056
Description  36VIN, 12A Step-Up/Step-Down Buck-Boost μModule Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8056 Datasheet(HTML) 2 Page - Analog Devices

  LTM8056 Datasheet HTML 1Page - Analog Devices LTM8056 Datasheet HTML 2Page - Analog Devices LTM8056 Datasheet HTML 3Page - Analog Devices LTM8056 Datasheet HTML 4Page - Analog Devices LTM8056 Datasheet HTML 5Page - Analog Devices LTM8056 Datasheet HTML 6Page - Analog Devices LTM8056 Datasheet HTML 7Page - Analog Devices LTM8056 Datasheet HTML 8Page - Analog Devices LTM8056 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LTM4712
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, VOUT, ISP, ISN, EXTVCC....................... –0.3V to 38V
SW1, SW2.................................................. –0.3V to 38V
RUN ............................................................–0.3V to 12V
INTVCC, PGOOD........................................... –0.3V to 6V
PHMODE, ISET, IMON, FB.....................–0.3V to INTVCC
MODE, SS, COMPa, COMPb .................–0.3V to INTVCC
FREQ, SYNC, CLKOUT...........................–0.3V to INTVCC
Maximum Junction Temperature
(Notes 2, 3)........................................ –40°C to 125°C
Storage Temperature.............................. –55°C to 125°C
Peak Solder Reflow Body Temperature ................. 245°C
(Note 1)
TOP VIEW
GND
INTVCC EXTVCC
VIN
RUN
COMPb
COMPa
SW2
SGND
FB
GND
VOUT
GND
SW1
SGND
SGND
SGND
SGND
SYNC
ISET
ISN
ISP
PGOOD
SS
MODE
PHMODE
FREQ
CLKOUT
IMON
CSP_BGA PACKAGE
144-PIN (16mm × 16mm × 8.34mm)
θJCtop = 9°C/W, θJCbottom = 4.2°C/W, θJA = 9°C/W
θ VALUES DEFINED PER JESD 51-12,
WEIGHT = 7.4g (TYP.)
GND
GND
1
2
3
4
5
6
7
8
9
10
11
12
M
L
K
J
H
G
F
E
D
C
B
A
GND
ORDER INFORMATION
PART NUMBER
PAD OR BALL FINISH*
PART MARKING
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LTM4712EY#PBF
SAC305 (RoHS)
LTM4712Y
e1
BGA
4
–40°C to 125°C
LTM4712IY#PBF
SAC305 (RoHS)
LTM4712Y
e1
BGA
4
–40°C to 125°C
• Contact the factory for parts specified with wider operating temperature ranges.
*Pad or ball finish code is per IPC/JEDEC J-STD-609.
• This product is not recommended for second side reflow.
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures
• LGA and BGA Package and Tray Drawings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com