Electronic Components Datasheet Search
  English  ▼

X  

RCN Datasheet(PDF) 2 Page - RFE international

Part # RCN
Description  SURFACE MOUNT RESISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RCN Datasheet(HTML) 2 Page - RFE international

  RCN Datasheet HTML 1Page - RFE international RCN Datasheet HTML 2Page - RFE international RCN Datasheet HTML 3Page - RFE international RCN Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SURFACE MOUNT
RCN Series: Networks & Arrays
RESISTORS
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
RoHS
ü
ELECTRICAL CHARACTERISTICS & RESISTANCE RANGE
Series
Power
Rating Per
Element
Max
Working
Voltage (V)
Max
Overload
Voltage (V)
Zero Ohm
Jumper
Rated
Current
Resistance
Tolerance
Resistance
Range (Ώ)
Termperature
Coefficient
PPM /°C
Standard
Circuit
Types
1 ~ 9.9
0 ~ +400
10 ~ 1M
±200
1 ~ 9.9
0 ~ +400
10 ~ 1M
1 ~ 9.9
0 ~ +400
10 ~ 1M
1 ~ 9.9
0 ~ +400
10 ~ 1M
1 ~ 9.9
0 ~ +400
10 ~ 1M
1 ~ 9.9
0 ~ +400
10 ~ 1M
±200
RCNR 24
RCNC 24
RCNR 34
RCNR 64
0.063W
0.063W
0.063W
0.063W
0.1W
0.25W
RCNR 22
RCNC 22
25
25
25
25
50
50
50
50
1 amp
1 amp
50
200
100
400
1 amp
2 amps
F (±1%), J (±5%)
1 amp
1 amp
04D
04D
02D
02D
04D
04D
PERFORMANCE CHARACTERISTICS
Power Derating Curve
Power rating or current rating is in the case based on continuous full-load at ambient temperature
of 70ºC. For operation at ambient temperature in excess of 70ºC, the load should be derated in
accordance with figure of derating Curve.
Voltage Rating or Current Rating
100
80
60
40
20
-55
1
1
1
0
20
40
60 70 80 100 120 140 160
155°C
Operating Temperature Range
55°C to
155°C
Ambient Temperature (°)
Resistance Range: >1Ώ
Rated Voltage: The resistor shall have a DC continuous working voltage or a RMS AC continuous
working voltage at commercial-line frequency and wave form corresponding to the power rating,
as determined formula as follows:
E = Rated Voltage (V)
P = Power Rating (W)
R = Nominal Resistance (Ώ)
E = vP x R
F (±1%), J (±5%)
F (±1%), J (±5%)
F (±1%), J (±5%)
F (±1%), J (±5%)
F (±1%), J (±5%)
±200
±200
±200
±200
C2BB04
2013.03.26
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com