Electronic Components Datasheet Search
  English  ▼

X  

RCN Datasheet(PDF) 1 Page - RFE international

Part # RCN
Description  SURFACE MOUNT RESISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RCN Datasheet(HTML) 1 Page - RFE international

  RCN Datasheet HTML 1Page - RFE international RCN Datasheet HTML 2Page - RFE international RCN Datasheet HTML 3Page - RFE international RCN Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CONSTRUCTION
Alumina
Substrate
Glass Passivation
Plating
(Ni+Sn)
CIRCUITS
04D CIRCUIT
02D CIRCUIT
RCNR22
*These resistors are lead free
DIMENSIONS
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
SURFACE MOUNT
RCN Series: Networks & Arrays
RESISTORS
RoHS
ü
PART NUMBER EXAMPLE
RCN
34 - 04D R - 1K0 - J
Series
Concave (C)
Convex (R)
Size
Circuit Type
Package
Resistance
Tolerance (F ± 1%; J ± 5%)
R
RCNC24
RCNR24 /RCNR34
RCNR64
RCNC22
C2BB04
2013.03.26
RESISTANCE CODE
Ohms
0.0
1.0
100
1.5K
15K
1.0 Meg
Code
0R0
1R0
100R
1K5
15K
1M0
L
W
H
J
K
P
Q
Q1
Style
RCNR 22 1.0 ± 0.1
0.67 ± 0.1 0.34 ± 0.1
N/A
Array
RCNC 22 1.0 ± 0.1
0.50 ± 0.1 0.35 ± 0.1
N/A
Array
RCNR 24 2.0 ± 0.1
0.5 ± 0.1
0.3 ± 0.1 0.43 ± 0.1
Array
RCNC 24 2.0 ± 0.1
0.5 ± 0.1
0.3 ± 0.1
N/A
Array
RCNR 34 3.2 ± 0.2
0.8 ± 0.2
0.5 ± 0.1 0.61 ± 0.1
Array
RCNC 34 3.2 ± 0.2
0.8 ± 0.1
0.4 ± 0.1
N/A
Array
RCNR 64 5.1 ± 0.2
1.3 ± 0.2
0.9 ± 0.1
N/A
Array
Dimension
Series
1.0 ± 0.1
1.0 ± 0.1
0.33 ± 0.05
1.0 ± 0.1
1.0 ± 0.1
1.6 ± 0.2
3.1 ± 0.2
1.6 ± 0.15
0.3 ± 0.1
0.25 ± 0.15
0.25 ± 0.15
0.4 ± 0.1
0.4 ± 0.1
0.5 ± 0.1
0.5 ± 0.1
0.55 ± 0.15
0.15 ± 0.1
0.25 ± 0.1
0.2 ± 0.1
0.2 ± 0.1
0.3 ± 0.2
0.4 ± 0.2
0.55 ± 0.15
0.55 ± 0.15
0.2 ± 0.1
0.2 ± 0.1
0.3 ± 0.2
0.4 ± 0.2
Page 1 of 4


Similar Part No. - RCN

ManufacturerPart #DatasheetDescription
logo
Rohm
RCN02 ROHM-RCN02 Datasheet
60Kb / 3P
Resistors Chip type attenuator
RCN02 ROHM-RCN02 Datasheet
77Kb / 3P
Chip Attenuators
RCN02M1PPEA35001 ROHM-RCN02M1PPEA35001 Datasheet
60Kb / 3P
Resistors Chip type attenuator
RCN02M1PPEA35001 ROHM-RCN02M1PPEA35001 Datasheet
77Kb / 3P
Chip Attenuators
RCN02M1PPEA35002 ROHM-RCN02M1PPEA35002 Datasheet
60Kb / 3P
Resistors Chip type attenuator
More results

Similar Description - RCN

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
OARS WELWYN-OARS Datasheet
2Mb / 3P
Surface Mount Sense Resistors
logo
Anaren Microwave
RFP-100200-4Y100-2 ANAREN-RFP-100200-4Y100-2 Datasheet
520Kb / 2P
Surface Mount Resistors
RFP-250250-4Y100-2 ANAREN-RFP-250250-4Y100-2 Datasheet
520Kb / 2P
Surface Mount Resistors
RFP-250375-4Y100-2 ANAREN-RFP-250375-4Y100-2 Datasheet
518Kb / 2P
Surface Mount Resistors
logo
List of Unclassifed Man...
OARSXPR002FLF ETC2-OARSXPR002FLF Datasheet
854Kb / 5P
Surface Mount Sense Resistors
logo
RFE international
LRMA RFE-LRMA Datasheet
1Mb / 9P
SURFACE MOUNT RESISTORS
2022.03.23
RMF RFE-RMF Datasheet
54Kb / 1P
SURFACE MOUNT RESISTORS
2014.10.13
RMT RFE-RMT Datasheet
4Mb / 4P
Surface Mount Resistors
05-JUL-2023
RMTH RFE-RMTH Datasheet
1Mb / 4P
Surface Mount Resistors
17-MAR-2023
RMTUH RFE-RMTUH Datasheet
1Mb / 5P
Surface Mount Resistors
13-MAR-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com