Electronic Components Datasheet Search
  English  ▼

X  

RCN Datasheet(PDF) 3 Page - RFE international

Part # RCN
Description  SURFACE MOUNT RESISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RCN Datasheet(HTML) 3 Page - RFE international

  RCN Datasheet HTML 1Page - RFE international RCN Datasheet HTML 2Page - RFE international RCN Datasheet HTML 3Page - RFE international RCN Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3 of 4
OPERATION AND STORAGE TEMPERATURES
Operation temperature
(at full power)
MIN
MAX
Storage temperature
Storage humidity
-55ºC
20ºC
30ºC
30ºC
70ºC
70ºC
SURFACE MOUNT
RCN Series: Networks & Arrays
RESISTORS
RoHS
ü
TEST PROCEDURES AND REQUIREMENTS
Test Item
Test Method
Procedure
Requirements
Temperature
Coefficient of
Resistance
(T.C.R)
JIS C 5201-1
clause 4.8
-55°C ~ +155°C, 20°C is the reference temperature
Refer to Ratings
General:
2.5 times RCWV or Max. Overload voltage for 5 sec.
High Power:
2.5 times RCWV or Max. Overload voltage for 2 sec.
Leaching
Sony
SS-00254-9
> 95% Coverage
0.1%, 0.5%, 1%: ±(0.5%+0.05Ω)
2%, 5%: ±(1.0%+0.10Ω)
Preheating temperature: 350 ±5°C
Electric iron preheating time: 3+1/-0 sec.
Insulation
Resistance
JIS C 5201-1
clause 4.6
Max. Overload voltage for 1 minute.
= 10G Ω
The tested resistor be immersed into isopropyl alcohol
of 20~25°C for 60 secs. Then the resistor is left in the
room for 48 hrs.
40±2°C, 90~95% R.H. or Max. working voltage for
1,000 hrs with 1.5 hrs "ON" and 0.5 hr "OFF".
Load Life
(Endurance)
JIS C 5201-1
clause 4.25
70±2°C, or Max. working voltage for 1,000 hrs with
1.5 hrs "ON" and 0.5 hr "OFF".
Load Life in
Humidity
Electric Iron
Sony
SS-00254-5
Resistance to
Solvent
JIS C 5201-1
clause 4.24
JIS C 5201-1
clause 4.29
Temperature
Cycling
JIS C 5201-1
clause 4.19
260±5°C for 10 seconds
JIS C 5201-1
clause 4.18
Soldering Heat
IR Reflow
Short Time
Overload
JIS C 5201-1
clause 4.13
Sony
SS-00254
250
200
150
100
100
50
1
1
1
1
1
1
1
1
1
1
Heating Time
Soldering Zone
30 + 10 s
90 + 30 s
150°C
180°C
Peak 250
°C
230°C or higher
+5
0
260±5°C for 30 seconds
-55°C to +155°C, 5 cycles
±1 : ±(1.0%+0.05Ω)
± : ±(1.0%+0.05Ω)
5
±1 : ±(1.0%+0.05Ω)
± : ±(1.0%+0.05Ω)
5
±1 : ±( . %+0.05Ω)
0 5
± : ±(1.0%+0.05Ω)
5
±1 : ±(1.0%+0.05Ω)
± : ±(1.0%+0.05Ω)
5
±1 : ±(
%+0.05Ω)
0.5
± : ±(
%+0.05Ω)
5
0.5
0.1%, 0.5%, 1%: ±(0.5%+0.05Ω)
2%, 5%: ±(2.0%+0.05Ω)
0.1%, 0.5%, 1%: ±(1.0%+0.05Ω)
2%, 5%: ±(3.0%+0.10Ω)
C2BB04
2013.03.26
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com