Electronic Components Datasheet Search
  English  ▼

X  

RCN Datasheet(PDF) 4 Page - RFE international

Part # RCN
Description  SURFACE MOUNT RESISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RCN Datasheet(HTML) 4 Page - RFE international

  RCN Datasheet HTML 1Page - RFE international RCN Datasheet HTML 2Page - RFE international RCN Datasheet HTML 3Page - RFE international RCN Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SURFACE MOUNT
RCN Series: Networks & Arrays
RESISTORS
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
RoHS
ü
PACKAGING
TYPE
A
ΦB
ΦC
ΦD
W
ΦM
RCNR22
RCNC22
RCNR24
RCNC24
RCNR34
7”
5K/Reel 2.0±0.5 13.5±1.0 21±1.0 60±1.0 11.5±2.0 178±2.0
RCNC64
11”
5K/Reel 2.0±0.5 13.5±1.0 21±1.0 60±1.0 16.0±2.0 278±2.0
178±2.0
13.5±1.0 21±1.0 60±1.0 11.5±2.0
SIZE
7” 10K/Reel 2.0±0.5
TAPPING SPECIFICATION
Packaging
Type
A
B
W
E
F
G
H
T
ΦD
P
RCNR22 1.25±0.10 1.25±0.10 8.0±0.20 1.75±0.10 3.5±0.05 4.0±0.10 2.0±0.05 0.45±0.10 1.50±0.10
RCNC22 1.25±0.10 1.25±0.10 8.0±0.20 1.75±0.10 3.5±0.05 4.0±0.10 2.0±0.05 0.45±0.10 1.50±0.10
RCNR24 1.20±0.10 2.20±0.10 8.0±0.20 1.75±0.10 3.5±0.05 4.0±0.10 2.0±0.05 0.60±0.10 1.50±0.10
RCNC24 1.20±0.10 2.20±0.10 8.0±0.20 1.75±0.10 3.5±0.05 4.0±0.10 2.0±0.05 0.60±0.10 1.50±0.10
RCNR34 1.90±0.20 3.45±0.20 8.0±0.20 1.75±0.10 3.5±0.05 4.0±0.10 2.0±0.05 0.75±0.10 1.50±0.10 4.0±0.1
Paper Type
2.0±0.1
C2BB04
2013.03.26
Page 4 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com