Electronic Components Datasheet Search
  English  ▼

X  

RMQ Datasheet(PDF) 2 Page - RFE international

Part # RMQ
Description  SURFACE MOUNT RESISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RMQ Datasheet(HTML) 2 Page - RFE international

  RMQ Datasheet HTML 1Page - RFE international RMQ Datasheet HTML 2Page - RFE international RMQ Datasheet HTML 3Page - RFE international RMQ Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Voltage Rating or Current Rating
Operation and Storage Temperature
Operation temperature
MIN
MAX
Storage temperature
Storage humidity
-55ºC
20ºC
30%
30ºC
70ºC
70ºC
Resistance Range: >1Ω
Rated Voltage: The resistor shall have a DC continuous working voltage or a RMS AC
continuous working voltage at commercial-line frequency and wave form
corresponding to the power rating, as determined formula as follows:
E = Rated Voltage (V)
P = Power Rating (W)
R = Nominal Resistance (Ω)
E =
√P x R
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
TYPE
250
1
200
1
150
1
100
1
50
Peak:
250
ºC
+5
0
230ºC or Higher
Pre Heating Zone
180ºC
150ºC
90 + 30 s
30 + 10 s
Soldering Zone
Heating Time
Test Item
Test Method
Procedure
Requirements
Temperature
Coefficient of
Resistance
(T.C.R)
JIS C 5201-1
Clause 4.8
-55˚C ~ +155˚C, 20˚C is the reference temperature
Refer to Ratings
Short Time
Overload
JIS C 5201-1
Clause 4.13
General:
2 times working voltage or Max. Overload Voltage for 5 sec.
+(1.0%+0.1Ω)
IR Reflow
Sony SS-00254
+(1.0%+0.05Ω)
Solderability
IEC 60115-1
260 + 5˚C for 30 seconds
> 95% Coverage
Soldering Heat
JIS C 5201-1
Clause 4.18
260 + 5˚C for 10 seconds
+(1.0%+0.01Ω)
Temperature
Cycling
JIS C 5201-1
Clause 4.19
-55˚C to +155 C, 5 cycles
+ (1.0% + 0.10Ω)
Electric Iron
Sony SS-00254-5
Preheating Temperature:
350 + 5 ˚C
Electric Iron Preheating Time: 3+1/-0 sec.
+1: +(1.0%+0.05Ω)
+5: +(1.0%+0.05Ω)
Resistance to
Solvent
JIS C 5201-1
Clause 4.29
The Tested Resistor to be immersed into isopropyl alcohol of
20 ~ 25˚C for 60secs. Then the resistor is left in the room
for 48hrs.
+1: +(0.5%+0.05Ω)
+5: +(0.5%+0.05Ω)
Load Life in
Humidity
JIS C 5201-1
Clause 4.24
40 + 2˚C, 90 ~ 95% R.H. or Max. working Voltage for
1,000hrs with 1.5hrs "ON" and 0.5hr "OFF"
+ (5.0% + 0.01Ω)
Load Life
(Endurance)
JIS C 5201-1
Clause 4.25
70 + 2˚C, or Max. working Voltage for 1,000hrs with 1.5hrs
"ON" and 0.5hr "OFF"
+ (5.0% + 0.1Ω)
Insulation
Resistance
JIS C 5201-1
Clause 4.6
Max Overload Voltage for 1 min.
> 1,000MΩ
TEST PROCEDURES & REQUIREMENTS
SURFACE MOUNT RESISTOR
RMQ Series: Thick Film, High Voltage 100K~100M Ω
RoHS
C2BB01
2015.04.15



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com