Electronic Components Datasheet Search
  English  ▼

X  

RMQ Datasheet(PDF) 1 Page - RFE international

Part # RMQ
Description  SURFACE MOUNT RESISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RMQ Datasheet(HTML) 1 Page - RFE international

  RMQ Datasheet HTML 1Page - RFE international RMQ Datasheet HTML 2Page - RFE international RMQ Datasheet HTML 3Page - RFE international RMQ Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
INTRODUCTION
RFE International, Inc. offers a wide range of chip
resistors to meet your application requirements. They are
made with metal glazed thick film on a high purity ceramic
substrate which is overcoated for stability and protection.
These resistors are suitable for all applications
(automotive, lighting, power, etc).
DIMENSIONS
D
H
L
C
W
Glass Passivation
Page 1 of 4
PART NUMBER EXAMPLE
RESISTANCE CODE
ELECTRICAL CHARACTERISTICS & RESISTANCE RANGE
• Lower & Ηigher values see additional RM Series
• Anti-Sulfur Thick Film see RMS Series
• High Power Thick Film see RMH Series
• Anti-Sulfur High Power see RMP Series
• Thin Film see RMT Series
• Fusible Resistors see RMF Series
• Thick Film Array Chip see RCN Series
• Metal Array Low-Resistance see LR Series
RMQ 10 R - 10K - J
Size Code
Series
Taped & Reeled
Tolerance Code
Resistance Code
SURFACE MOUNT RESISTOR
RMQ Series: Thick Film, High Voltage 100K~100M Ω
RoHS
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
L
W
H
C
D
RMQ06
(0603)
1.60 + 0.20 0.80 + 0.15 0.40 + 0.10 0.20 + 0.10 0.20 + 0.10
RMQ10
(0805)
2.00 + 0.20 1.25 + 0.15 0.50 + 0.15 0.30 + 0.15 0.40 + 0.15
RMQ12
(1206)
3.05 + 0.10 1.60 + 0.20 0.55 + 0.15 0.40 + 0.20 0.50 + 0.20
RMQ50
(2010)
5.00 + 0.20 2.50 + 0.20 0.55 + 0.10 0.60 + 0.20 0.60 + 0.20
RMQ1W
(2512)
6.30 + 0.20 3.20 + 0.20 0.55 + 0.10 0.60 + 0.20 0.60 + 0.20
Size
Code
Max. Dimension (mm)
Ohms
100K
1M
10M
100M
Code
100K
1M0
10M
100M
TYPE
Rated
Power at
70°C
Max Working
Voltage
Max
Overload
Voltage
T.C.R.
(PPM/°C)
Resistance Range
(Ω)
F (+ 1%)
Resistance Range
(Ω)
J (+ 5%)
+ 200
--
100K ~ 22M
+ 100
100K ~ 10M
--
+ 200
--
100K ~ 22M
+ 100
100K ~ 10M
--
+ 200
11M ~ 22M
100K ~ 100M
+ 100
100K ~ 10M
--
+ 200
11M ~ 22M
100K ~ 100M
+ 100
100K ~ 10M
--
+ 200
11M ~ 22M
100K ~ 100M
+ 100
100K ~ 10M
--
RMQ1W
(2512)
1.0W
3000V
4000V
RMQ50
(2010)
0.50W
800V
1600V
RMQ12
(1206)
0.25 W
2000V
3000V
200V
400V
RMQ10
(0805)
0.125 W
400V
800V
RMQ06
(0603)
0.10 W
PERORMANCE CHARACTERISTICS
Power Derating Curve
Power rating or current rating is in the case based on continuous full-load at ambient
temperature of 70ºC. For operation at ambient temperature in excess of 70ºC, the load
should be derated in accordance with figure of derating Curve.
100
80
1
60
40
1
20
1
0
-55 0
20
40
60 70 80 100 120 140 160
155°C
Operating Temperature Range
-55°C to +155°C
Ambient Temperature (°C)
C2BB01
2015.04.15


Similar Part No. - RMQ

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RMQ-1C-P-X ADAM-TECH-RMQ-1C-P-X Datasheet
98Kb / 1P
POWER RELAY
logo
Renesas Technology Corp
RMQC4A1818DGBA RENESAS-RMQC4A1818DGBA Datasheet
855Kb / 30P
18-Mbit DDR™ II SRAM 2-word Burst
Jan. 13, 2015
RMQC4A1818DGBA-302#AC0 RENESAS-RMQC4A1818DGBA-302#AC0 Datasheet
855Kb / 30P
18-Mbit DDR??II SRAM 2-word Burst
RMQC4A1818DGBA-332#AC0 RENESAS-RMQC4A1818DGBA-332#AC0 Datasheet
855Kb / 30P
18-Mbit DDR??II SRAM 2-word Burst
RMQC4A1836DGBA RENESAS-RMQC4A1836DGBA Datasheet
855Kb / 30P
18-Mbit DDR™ II SRAM 2-word Burst
Jan. 13, 2015
More results

Similar Description - RMQ

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CR0805F1000FT IRCTT-CR0805F1000FT Datasheet
307Kb / 3P
Surface Mount Resistor
logo
List of Unclassifed Man...
RC1206 ETC1-RC1206 Datasheet
433Kb / 9P
Chip Resistor Surface Mount
logo
Dubilier
RPC25103J DUBILIER-RPC25103J_11 Datasheet
266Kb / 3P
SURFACE MOUNT SURFACE MOUNT CHIP RESISTOR RPC
logo
Bourns Electronic Solut...
PWR4525 BOURNS-PWR4525 Datasheet
123Kb / 2P
SURFACE MOUNT WIREWOUND RESISTOR
PWR2615 BOURNS-PWR2615 Datasheet
123Kb / 2P
SURFACE MOUNT WIREWOUND RESISTOR
logo
YAGEO Corporation
TC164-JR-070RL YAGEO-TC164-JR-070RL Datasheet
338Kb / 8P
Chip Resistor Surface Mount
logo
Dubilier
RPC DUBILIER-RPC Datasheet
266Kb / 3P
SURFACE MOUNT CHIP RESISTOR
logo
RFE international
RM02 RFE-RM02 Datasheet
1Mb / 5P
Surface Mount Resistor
DEC-01-2023
RMHV RFE-RMHV Datasheet
1Mb / 5P
SURFACE MOUNT RESISTOR
2022.01.19
RMV RFE-RMV Datasheet
705Kb / 4P
SURFACE MOUNT RESISTOR
2017.12.21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com