Electronic Components Datasheet Search
  English  ▼

X  

RMQ Datasheet(PDF) 3 Page - RFE international

Part # RMQ
Description  SURFACE MOUNT RESISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RMQ Datasheet(HTML) 3 Page - RFE international

  RMQ Datasheet HTML 1Page - RFE international RMQ Datasheet HTML 2Page - RFE international RMQ Datasheet HTML 3Page - RFE international RMQ Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PACKAGE & DIMENSION (mm)
TAPING SPECIFICATION
Paper Type
(P= 2.0 ± 0.1)
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
Size
A
B
W
E
F
G
H
T
ɸD
RMQ06
(0603)
1.05 + 0.20 1.80 + 0.20 8.0 + 0.20 1.75 + 0.10 3.5 + 0.05 4.0 + 0.10 2.0 + 0.05 0.60 + 0.10
1.50 + 0.10
RMQ10
(0805)
1.55 + 0.20 2.30 + 0.20 8.0 + 0.20 1.75 + 0.10 3.5 + 0.05 4.0 + 0.10 2.0 + 0.05 0.75 + 0.10
1.50 + 0.10
RMQ12
(1206)
1.90 + 0.20 3.50 + 0.20 8.0 + 0.20 1.75 + 0.10 3.5 + 0.05 4.0 + 0.10 2.0 + 0.05 0.75 + 0.10
1.50 + 0.10
RMQ50
(2010)
2.80 + 0.20 5.50 + 0.20 12.0 + 0.30 1.75 + 0.10 8.5 + 0.05 4.0 + 0.10 2.0 + 0.05 0.75 + 0.10
1.50 + 0.10
RMQ1W
(2512)
3.50 + 0.20 6.70 + 0.20 12.0 + 0.30 1.75 + 0.10 8.5 + 0.05 4.0 + 0.10 2.0 + 0.05 0.75 + 0.10
1.50 + 0.10
Size
A
ɸB
ɸC
ɸD
W
ɸM
RMQ06
(0603)
7"
5K/Reel
2.0 + 0.5
13.5 + 1.0
21 + 1.0
60 + 1.0
11.5 + 2.0 178 + 2.0
RMQ10
(0805)
10"
10K/Reel
2.0 + 0.5
13.5 + 1.0
21 + 1.0
100 + 1.0 11.5 + 2.0 254 + 2.0
RMQ12
(1206)
13"
20K/Reel
2.0 + 0.5
13.5 + 1.0
21 + 1.0
100 + 1.0 11.5 + 2.0 330 + 2.0
7"
4K/Reel
2.0 + 0.5
13.5 + 1.0
21 + 1.0
60 + 1.0
16.0 + 2.0 178 + 2.0
10"
8K/Reel
2.0 + 0.8
13.0 + 1.0
21 + 1.0
100 + 1.0
20 Max
254 + 2.0
7"
4K/Reel
2.0 + 0.5
13.5 + 1.0
21 + 1.0
60 + 1.0
16.0 + 2.0 178 + 2.0
13"
16K/Reel
2.0 + 0.5
13.5 + 1.0
21 + 1.0
100 + 1.0
20 Max
330 + 2.0
Package Q'ty
RMQ50
(2010)
RMQ1W
(2512)
SURFACE MOUNT RESISTOR
RMQ Series: Thick Film, High Voltage 100K~100M Ω
RoHS
Page 3 of 4
C2BB01
2015.04.15



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com