Electronic Components Datasheet Search
  English  ▼

X  

RMQ Datasheet(PDF) 4 Page - RFE international

Part # RMQ
Description  SURFACE MOUNT RESISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RMQ Datasheet(HTML) 4 Page - RFE international

  RMQ Datasheet HTML 1Page - RFE international RMQ Datasheet HTML 2Page - RFE international RMQ Datasheet HTML 3Page - RFE international RMQ Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
SURFACE MOUNT RESISTOR
RMQ Series: Thick Film, High Voltage 100K~100M Ω
RoHS
Page 4 of 4
Legal Disclaimer Notice
All products, specifications and data are subject to change without notice to improve design, reliability, function and
other product or regulatory reasons. No license, or intellectual property rights is granted by this disclaimer document.
RFE International, Inc. including its affiliates, agents, employees, officers and any person acting on its or their
collective behalf, disclaim any and all liability for errors, inaccuracies or incompleteness contained in any datasheet or
in any other disclosure relating to any product or service.
RFE makes no warranty, guarantee or representation regarding the suitability of a product for any particular purpose or
the continuing production of any product. RFE disclaims any and all liability arising out of the application or use of any
product, any and all liability, including without limitation, special consequential or incidental damages and any and all
implied warranties, including warranties of fitness for particular purpose.
Any statements regarding the suitability of any product for certain applications are based on knowledge of product
requirements that RFE may have observed when products are applied in generic applications. Any statement is not a
binding statement about the suitability of any product for specific application. The customer is responsible to validate
that a particular product for a particular application. Product specifications included in any datasheet or specification
may vary in different application and performance may vary over time. All product specification must be validated for
each customer application by the customer's technical staff. Product specifications do not modify RFE's terms and
conditions of purchase including but not limited to the warranty expressed therein.
RFE product are not designed for use in medical, life-saving, or life-support applications or other applications in which
the failure of the RFE product may result in personal injury or death.
Material Category Statement
RFE International, Inc. certifies that all its products that are identified as RoHS Compliant fulfill the definitions defined
under Directive 2011/65/UE concerning the restriction of the use of certain hazardous substances in electrical &
electronic equipment.
RFE certifies that all its products that are identified as Halogen-Free follow the JEDEC JS709A standards concerning
Halogen Free products.
C2BB01
2015.04.15



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com