Electronic Components Datasheet Search
  English  ▼

X  

EL1507CSZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL1507CSZ
Description  Medium Power Differential Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1507CSZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL1507CSZ Datasheet HTML 2Page - Intersil Corporation EL1507CSZ Datasheet HTML 3Page - Intersil Corporation EL1507CSZ Datasheet HTML 4Page - Intersil Corporation EL1507CSZ Datasheet HTML 5Page - Intersil Corporation EL1507CSZ Datasheet HTML 6Page - Intersil Corporation EL1507CSZ Datasheet HTML 7Page - Intersil Corporation EL1507CSZ Datasheet HTML 8Page - Intersil Corporation EL1507CSZ Datasheet HTML 9Page - Intersil Corporation EL1507CSZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
FN7013.3
March 26, 2007
FIGURE 11. DIFFERENTIAL FREQUENCY RESPONSE vs RF
(EL1507CL - 1/2 POWER MODE)
FIGURE 12. DIFFERENTIAL FREQUENCY RESPONSE vs RF
(EL1507CL - 1/2 POWER MODE)
FIGURE 13. FREQUENCY RESPONSE vs CLOAD
(EL1507CS - FULL POWER MODE)
FIGURE 14. FREQUENCY RESPONSE vs CLOAD
(EL1507CL - FULL POWER MODE)
FIGURE 15. FREQUENCY RESPONSE vs CLOAD
(EL1507CS - 3/4 POWER MODE)
FIGURE 16. FREQUENCY RESPONSE vs CLOAD
(EL1507CL - 3/4 POWER MODE)
Typical Performance Curves
28
24
20
16
12
8
100K
1M
10M
100M
FREQUENCY (Hz)
2k
Ω
1k
Ω
1.5k
Ω
VS=±12V
AV=10
RL=100Ω
22
18
14
10
6
2
100K
1M
10M
100M
FREQUENCY (Hz)
VS=±12V
AV=5
RL=100Ω
2k
Ω
1k
Ω
1.5k
Ω
30
22
14
6
-2
-10
100K
1M
10M
100M
FREQUENCY (Hz)
0pF
22pF
10pF
VS=±12V
AV=5
RL=100Ω
RF=1.5kΩ
30
22
14
6
-2
-10
100K
1M
10M
100M
FREQUENCY (Hz)
0pF
22pF
10pF
VS=±12V
AV=5
RL=100Ω
RF=1.5kΩ
30
22
14
6
-2
-10
100K
1M
10M
100M
FREQUENCY (Hz)
VS=±12V
AV=5
RL=100Ω
RF=1.5kΩ
0pF
22pF
10pF
30
22
14
6
-2
-10
100K
1M
10M
100M
FREQUENCY (Hz)
0pF
22pF
10pF
VS=±12V
AV=5
RL=100Ω
RF=1.5kΩ
EL1507



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com