Electronic Components Datasheet Search
  English  ▼

X  

EL1507CSZ Datasheet(PDF) 12 Page - Intersil Corporation

Part # EL1507CSZ
Description  Medium Power Differential Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1507CSZ Datasheet(HTML) 12 Page - Intersil Corporation

Back Button EL1507CSZ Datasheet HTML 8Page - Intersil Corporation EL1507CSZ Datasheet HTML 9Page - Intersil Corporation EL1507CSZ Datasheet HTML 10Page - Intersil Corporation EL1507CSZ Datasheet HTML 11Page - Intersil Corporation EL1507CSZ Datasheet HTML 12Page - Intersil Corporation EL1507CSZ Datasheet HTML 13Page - Intersil Corporation EL1507CSZ Datasheet HTML 14Page - Intersil Corporation EL1507CSZ Datasheet HTML 15Page - Intersil Corporation EL1507CSZ Datasheet HTML 16Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
FN7013.3
March 26, 2007
FIGURE 47. OFFSET VOLTAGE vs TEMPERATURE
FIGURE 48. TRANSIMPEDANCE vs TEMPERATURE
FIGURE 49. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 50. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves
10
-2
6
2
0
4
8
TEMPERATURE (°C)
-50
100
150
-25
0
50
125
25
75
3.5
0
2
3
1
0.5
1.5
2.5
TEMPERATURE (°C)
-50
100
150
-25
0
50
125
25
75
833mW
θJA=150°C/W
QFN16
1.136W
θJA=110°C/W
SO16
1.2
1
0.8
0.6
0.2
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.4
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD - QFN EXPOSED
DIEPAD SOLDERED TO PCB PER JESD51-5
4.5
4
3
2
1
0.5
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
1.563W
θJA=80°C/W
SO16
3.5
2.5
1.5
3.125W
θJA=40°C/W
QFN16
EL1507



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com