Electronic Components Datasheet Search
  English  ▼

X  

EL1507CSZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL1507CSZ
Description  Medium Power Differential Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1507CSZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL1507CSZ Datasheet HTML 6Page - Intersil Corporation EL1507CSZ Datasheet HTML 7Page - Intersil Corporation EL1507CSZ Datasheet HTML 8Page - Intersil Corporation EL1507CSZ Datasheet HTML 9Page - Intersil Corporation EL1507CSZ Datasheet HTML 10Page - Intersil Corporation EL1507CSZ Datasheet HTML 11Page - Intersil Corporation EL1507CSZ Datasheet HTML 12Page - Intersil Corporation EL1507CSZ Datasheet HTML 13Page - Intersil Corporation EL1507CSZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
FN7013.3
March 26, 2007
FIGURE 35. TRANSIMPEDANCE (ROL) vs FREQUENCY
FIGURE 36. VOLTAGE AND CURRENT NOISE vs FREQUENCY
FIGURE 37. DIFFERENTIAL GAIN
FIGURE 38. DIFFERENTIAL PHASE
FIGURE 39. DIFFERENTIAL PHASE
FIGURE 40. ENABLE RESPONSE
Typical Performance Curves
10M
100
1K
100K
1M
100M
FREQUENCY (Hz)
100k
1K
1M
10K
10K
10M
40
-320
-120
-280
-40
-200
0
-160
-80
-240
PHASE
GAIN
100
1
10
100
10K
100K
1M
10M
FREQUENCY (Hz)
10
1K
IB+
IB-
EN
0.4
0.35
0.2
0.1
0.05
0
04
5
NUMBER OF 150
Ω LOADS
123
0.25
0.15
0.3
FULL POWER
3/4 POWER
1/2 POWER
VS=±12V
0.14
0.12
0
NUMBER OF 150
Ω LOADS
0.08
0.04
0.02
0.1
0.06
VS=±6V
FULL POWER
1/2 POWER
0
1
345
2
3/4 POWER
0.12
0.1
0.06
0.02
0
01
34
5
NUMBER OF 150
Ω LOADS
0.08
0.04
2
FULL POWER
3/4 POWER
1/2 POWER
VS=±12V
CH 1
CH 2
Δ=48ns
M=40ns
CH 1=2V
CH 2=2V
C0, C1
VOUT
40ns/DIV
EL1507



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com