Electronic Components Datasheet Search
  English  ▼

X  

EL1507CSZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL1507CSZ
Description  Medium Power Differential Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1507CSZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL1507CSZ Datasheet HTML 7Page - Intersil Corporation EL1507CSZ Datasheet HTML 8Page - Intersil Corporation EL1507CSZ Datasheet HTML 9Page - Intersil Corporation EL1507CSZ Datasheet HTML 10Page - Intersil Corporation EL1507CSZ Datasheet HTML 11Page - Intersil Corporation EL1507CSZ Datasheet HTML 12Page - Intersil Corporation EL1507CSZ Datasheet HTML 13Page - Intersil Corporation EL1507CSZ Datasheet HTML 14Page - Intersil Corporation EL1507CSZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
FN7013.3
March 26, 2007
FIGURE 41. DIFFERENTIAL GAIN
FIGURE 42. DISABLE RESPONSE
FIGURE 43. POSITIVE SUPPLY CURRENT vs TEMPERATURE
FIGURE 44. SLEW RATE vs TEMPERATURE
FIGURE 45. INPUT BIAS CURRENT vs TEMPERATURE
FIGURE 46. OUTPUT VOLTAGE vs TEMPERATURE
Typical Performance Curves
0.45
0
NUMBER OF 150
Ω LOADS
0.25
0.05
0.35
0.15
VS=±6V
04
5
12
3
0.4
0.2
0.3
0.1
FULL POWER
3/4 POWER
1/2 POWER
CH 1
CH 2
C0, C1
M=400ns
CH 1=2V
CH 2=2V
VOUT
400ns/DIV
16
14
8
4
2
0
-50
100
150
TEMPERATURE (°C)
-25
0
50
10
6
12
125
25
75
FULL POWER
1/2 POWER
3/4 POWER
DISABLED
490
470
410
370
350
TEMPERATURE (°C)
430
390
-50
100
150
-25
0
50
125
25
75
450
18
-2
TEMPERATURE (°C)
8
0
14
4
16
6
10
2
-50
100
150
-25
0
50
125
25
75
12
IB-
IB+
11.8
10.8
4.8
TEMPERATURE (°C)
8.8
6.8
5.8
9.8
7.8
-50
100
150
-25
0
50
125
25
75
RL=100Ω
EL1507



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com