Electronic Components Datasheet Search
  English  ▼

X  

LT3040 Datasheet(PDF) 6 Page - Analog Devices

Part # LT3040
Description  20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3040 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT3040 Datasheet HTML 2Page - Analog Devices LT3040 Datasheet HTML 3Page - Analog Devices LT3040 Datasheet HTML 4Page - Analog Devices LT3040 Datasheet HTML 5Page - Analog Devices LT3040 Datasheet HTML 6Page - Analog Devices LT3040 Datasheet HTML 7Page - Analog Devices LT3040 Datasheet HTML 8Page - Analog Devices LT3040 Datasheet HTML 9Page - Analog Devices LT3040 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
Data Sheet
LT3046
analog.com
Rev 0
6 of 47
(TJ = -40°C to +125°C for the minimum and maximum values, TA = +25°C for the typical values, output capacitance
(COUT) = 4.7µF ceramic capacitor, and SET capacitance (CSET) = 4.7µF, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
Thermal Shutdown
TJ rising
+165
°C
Hysteresis
6
Start-Up Time
VOUT(NOM) = 5V, IL = 200mA, CSET =
0.47µF, VIN = 6V, VPGFB = 6V
55
ms
VOUT(NOM) = 5V, IL = 200mA, CSET =
4.7µF, VIN = 6V, VPGFB = 6V
550
VOUT(NOM) = 5V, IL = 200mA, CSET =
4.7µF, VIN = 6V, RPG1 = 50kΩ, RPG2 =
700kΩ (with fast startup to 90% of
VOUT)
10
Thermal Regulation
10ms pulse
-0.01
%/W
.
1
The EN/UV pin threshold must be met to ensure device operation.
2
The maximum TJ limits operating conditions. The regulated output-voltage specification does not apply for all
possible combinations of input voltage and output current, especially due to the internal current-limit foldback,
which starts to decrease current limit at VIN - VOUT > 11 V. If operating at the maximum output current, limit the
input-voltage range. If operating at the maximum input voltage, limit the output-current range.
3
OUTS ties directly to OUT.
4
Changes in ISET and VOS with VSET are tested at 0.2V, 0.75V, 1.3V, and 19V to ensure operation over the 0.2V to 19V
SET pin voltage range.
5
The dropout voltage is the minimum input-to-output differential voltage needed to maintain regulation at a
specified output current. The dropout voltage is measured when output is 1% out of regulation. This definition
results in a higher dropout voltage compared to hard dropout, which is measured when VIN = VOUT(NOMINAL). For
output voltages less than 1.7V, the dropout voltage is limited by the minimum input-voltage specification. See
Figure 18 for the dropout voltage as a function of the output current and for temperature, see Figure 19, which
was measured in a typical application circuit.
6
The GND pin current is tested with VIN = VOUT(NOMINAL) and a current source load. Therefore, the LT3046 is tested
while operating in dropout, which is the worst-case GND pin current. The GND pin current decreases at higher
input voltages. Note that the GND pin current does not include the SET pin or the ILIM pin current; however,
quiescent current does include the SET and ILIM pins.
7
Adding a capacitor across the SET pin resistor decreases the output voltage noise. Adding this capacitor
bypasses the thermal noise of the resistor on the SET pin as well as the noise of the reference current. The
output noise then equals the error-amplifier noise. Use of a SET pin bypass capacitor also increases the start-up
time.
8
The internal back-up current-limit circuitry incorporates foldback protection that decreases current limit for VIN
- VOUT > 11 V. Some level of output current is provided at all VIN - VOUT differential voltages. See Figure 32 for the
current limit as a function of VIN - VOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com