Electronic Components Datasheet Search
  English  ▼

X  

LT3040 Datasheet(PDF) 21 Page - Analog Devices

Part # LT3040
Description  20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3040 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT3040 Datasheet HTML 17Page - Analog Devices LT3040 Datasheet HTML 18Page - Analog Devices LT3040 Datasheet HTML 19Page - Analog Devices LT3040 Datasheet HTML 20Page - Analog Devices LT3040 Datasheet HTML 21Page - Analog Devices LT3040 Datasheet HTML 22Page - Analog Devices LT3040 Datasheet HTML 23Page - Analog Devices LT3040 Datasheet HTML 24Page - Analog Devices LT3040 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
Data Sheet
LT3046
analog.com
Rev 0
21 of 47
(TJ = +25°C, unless otherwise noted.)
Figure 58. Output Noise (0.1Hz to 10Hz) vs. Frequency
Figure 59. Output Noise: 10Hz to 100kHz
Figure 60. Output Noise: 0.1Hz to 10Hz (CSET = 4.7µF)
Figure 61. Output Noise: 0.1Hz to 10Hz (CSET = 22µF)
Figure 62. Load-Transient Response
Figure 63. Line-Transient Response
VIN = 5V
VOUT = 3.3V
COUT = 4.7µF
IL = 200mA
CSET = 4.7µF
CSET = 22µF
FREQUENCY (Hz)
0.1
1
10
10
100
1k
10k
VIN = 5V
VOUT = 3.3V
COUT = 4.7µF
CSET = 4.7µF
IL = 200mA
1ms/DIV
5µV/DIV
VIN = 5V
VOUT = 3.3V
COUT = 4.7µF
CSET = 4.7µF
IL = 200mA
1s/DIV
5µV/DIV
VIN = 5V
VOUT = 3.3V
COUT = 4.7µF
CSET = 22µF
IL = 200mA
1s/DIV
5µV/DIV
VIN = 5V
VOUT = 3.3V
COUT = 4.7µF
CSET = 0.47µF
LOAD STEP = 1mA TO 200mA
20µs/DIV
OUTPUT
CURRENT
200mA/DIV
OUTPUT
VOLTAGE
10mV/DIV
VIN = 4.5V TO 5V
VOUT = 3.3V
COUT = 4.7µF
CSET = 0.47µF
IL = 200mA
5µs/DIV
INPUT
VOLTAGE
500mV/DIV
OUTPUT
VOLTAGE
1mV/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com