Electronic Components Datasheet Search
  English  ▼

X  

LT3040 Datasheet(PDF) 17 Page - Analog Devices

Part # LT3040
Description  20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3040 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT3040 Datasheet HTML 13Page - Analog Devices LT3040 Datasheet HTML 14Page - Analog Devices LT3040 Datasheet HTML 15Page - Analog Devices LT3040 Datasheet HTML 16Page - Analog Devices LT3040 Datasheet HTML 17Page - Analog Devices LT3040 Datasheet HTML 18Page - Analog Devices LT3040 Datasheet HTML 19Page - Analog Devices LT3040 Datasheet HTML 20Page - Analog Devices LT3040 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
Data Sheet
LT3046
analog.com
Rev 0
17 of 47
(TJ = +25°C, unless otherwise noted.)
Figure 34. Programmable Current Limit vs. Temperature
(100mA)
Figure 35. ILIM Pin Current vs. Load Current
Figure 36. PGFB Rising Threshold vs. Temperature
Figure 37. PGFB Hysteresis vs. Temperature
Figure 38. PG Output Low Voltage vs. Temperature
Figure 39. PG Pin Leakage Current vs. Temperature
RILIM = 1.5kΩ
VOUT = 0V
VIN = 2.5V
VIN = 7.5V
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
0
20
40
60
80
100
120
140
160
180
200
VILIM = 0V
VOUT = 1.3V
VIN = 2.5V
VIN = 5V
VIN = 10V
LOAD CURRENT (mA)
0
20
40
60
80
100
120
140
160
180
200
0
40
80
120
160
200
240
280
320
360
400
VIN = 2.2V
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
288
290
292
294
296
298
300
302
304
306
308
VIN = 2.2V
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
0
2
4
6
8
10
12
14
16
18
20
VIN = 2.2V
VPGFB = 288mV
IPG = 100µA
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
70
80
90
100
VPG = 2.2V
VPGFB = 310mV
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
70
80
90
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com