Electronic Components Datasheet Search
  English  ▼

X  

LT3040 Datasheet(PDF) 20 Page - Analog Devices

Part # LT3040
Description  20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3040 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT3040 Datasheet HTML 16Page - Analog Devices LT3040 Datasheet HTML 17Page - Analog Devices LT3040 Datasheet HTML 18Page - Analog Devices LT3040 Datasheet HTML 19Page - Analog Devices LT3040 Datasheet HTML 20Page - Analog Devices LT3040 Datasheet HTML 21Page - Analog Devices LT3040 Datasheet HTML 22Page - Analog Devices LT3040 Datasheet HTML 23Page - Analog Devices LT3040 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
Data Sheet
LT3046
analog.com
Rev 0
20 of 47
(TJ = +25°C, unless otherwise noted.)
Figure 52. Integrated RMS Output Noise (10Hz to 100kHz)
vs. SET Pin Capacitance
Figure 53. Integrated RMS Output Noise (10Hz to 100kHz)
vs. Output Voltage
Figure 54. Output Noise vs. Frequency (CSET Steps)
Figure 55. Output Noise vs. Frequency (COUT Steps)
Figure 56. Output Noise vs. Frequency (IL Steps)
Figure 57. Output Noise as a Function of an Error Amplifier
Input Pair vs. Frequency
VIN = 5V
VOUT = 3.3V
IL = 200mA
COUT = 4.7µF
SET PIN CAPACITANCE (µF)
0.01
0.1
1
10
100
0
1
2
3
4
5
6
7
8
9
VIN = VOUT + 2V
IL = 200mA
CSET = 4.7µF
COUT = 4.7µF
OUTPUT VOLTAGE (V)
0
2
4
6
8
10
12
14
16
18
20
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VIN = 5V
VOUT = 3.3V
COUT = 4.7µF
IL = 200mA
CSET = 0.047µF
CSET = 0.47µF
CSET = 1µF
CSET = 4.7µF
CSET = 22µF
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0.1
1
10
100
1000
VIN = 5V
VOUT = 3.3V
CSET = 4.7µF
IL = 200mA
COUT = 4.7µF
COUT = 10µF
COUT = 22µF
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0.1
1
10
100
1000
VIN = 5V
VOUT = 3.3V
CSET = 4.7µF
COUT = 4.7µF
IL = 200mA
IL = 100mA
IL = 20mA
IL = 1mA
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0.1
1
10
100
1000
VIN = VOUT + 2V
IL = 200mA
CSET = 4.7µF
COUT = 4.7µF
VOUT = 1.3V
VOUT = 0.6V
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0.1
1
10
100
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com