Electronic Components Datasheet Search
  English  ▼

X  

MA6 Datasheet(PDF) 5 Page - TiMOTION Technology Co. Ltd.

Part # MA6
Description  Max. load 8,000N (push/pull)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

MA6 Datasheet(HTML) 5 Page - TiMOTION Technology Co. Ltd.

  MA6 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. MA6 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. MA6 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. MA6 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. MA6 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. MA6 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. MA6 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. MA6 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
MA6 Ordering Key Appendix
1. Calculate A+B+C = Y
2. Minimum retracted length is Stroke+Y
Retracted Length (mm)
C.
Output Signal
0, 4, 5, N
-
1
+18
B.
Stroke (mm)
Load & Speed Type (N)
B, C, D, E
25~150
-
151~200
-
201~250
+10
251~300
+20
301~350
+30
351~400
+40
401~450
+50
451~500
+60
501~550
+70
551~600
+80
601~650
+90
651~700
+100
701~750
+110
751~800
+120
801~850
+130
851~900
+140
901~950
+150
951~1000
+160
A.
Front
Attach.
Rear Attach.
1, 2, 3, 4, 5, 6
7, 8, 9
1, 2, 3
+162
+165
7, 8, 9
+175
+178
K
+185
+188
Note
1 Depending on the attachments, the motor cover might interfere with the
customer's device when retracted length is between 225~318mm. Please
confirm before placing order.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com