Electronic Components Datasheet Search
  English  ▼

X  

MA6 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # MA6
Description  Max. load 8,000N (push/pull)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

MA6 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  MA6 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. MA6 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. MA6 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. MA6 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. MA6 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. MA6 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. MA6 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. MA6 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Product Segments
• Industrial Motion
MA6
series
Engineered by a unique design by TiMOTION, the MA6 series linear actuator
is an excellent solution for applications that require heavy duty and incredible
durability. Offering a high degree of protection up to IP69K, the MA6 can
be constructed to withstand high-pressure water jets, ingress of dust, and
other solid contaminants. Depending on the user's application requirements,
the MA6 is customizable with a variety of feedback options for improved
control and accuracy of motion. Robust, solid, and powerful, the MA6 is
ideal for agricultural, commercial, and industrial applications such as combine
harvesters, balers, lawn mowers, material handling equipment, livestock
ventilation systems, and much more.
General Features
Max. load
8,000N (push/pull)
Max. speed at max. load
6.2mm/s
Max. speed at no load
64mm/s
Retracted length
≥ Stroke + 162mm
IP rating
IP69K
Stroke
25~1000mm
Output signals
Hall sensor(s), mechanical Pot., adjustable
Reed switch, NPN Hall sensors
Voltage
12/24V DC; 12/24V DC (thermal switch)
Operational temperature range
-40°C~+85°C
Operational temperature range
+5°C~+45°C
at full performance
Manual drive


Similar Part No. - MA6

ManufacturerPart #DatasheetDescription
logo
ABB
MA6-1060 ABB-MA6-1060 Datasheet
2Mb / 24P
Pilot devices The core offering
2016
logo
Altech corporation
MA6.3U ALTECH-MA6.3U Datasheet
222Kb / 3P
Three Phase Adjustable Trip Miniature Circuit Breakers/ Manual Motor Controllers
logo
Taoglas antenna solutio...
MA600.A.ABC.006 TAOGLAS-MA600.A.ABC.006 Datasheet
4Mb / 22P
High performance outdoor antenna
MA600.A.ABC.006 TAOGLAS-MA600.A.ABC.006 Datasheet
1Mb / 23P
MA600 Spartan Screw-mount 3in1 Combination Antenna
MA600.A.ABC.006 TAOGLAS-MA600.A.ABC.006_17 Datasheet
1Mb / 23P
MA600 Spartan Screw-mount 3in1 Combination Antenna
More results

Similar Description - MA6

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
JP3 TIMOTION-JP3 Datasheet
524Kb / 8P
Max. load 2,000N (push/pull)
20230627-H
MA1 TIMOTION-MA1 Datasheet
904Kb / 10P
Max. load ACME screw: 8,000N (push/pull)
20230919-H
MA2 TIMOTION-MA2 Datasheet
952Kb / 9P
Max. load 8,000N (push); 4,000N (pull)
20231020-O
MA3 TIMOTION-MA3 Datasheet
998Kb / 8P
Max. load 16,000N (push/pull)
20231020-K
SR1 TIMOTION-SR1 Datasheet
508Kb / 7P
Max. load 4,000N (push/pull)
20230509-B
TA25 TIMOTION-TA25 Datasheet
1,022Kb / 7P
Max. load 1,000N (push / pull)
20220712-E
TA29AC TIMOTION-TA29AC Datasheet
500Kb / 7P
Max. load 4,000N (push/pull)
20230724-C
TA31 TIMOTION-TA31 Datasheet
1Mb / 11P
Max. load 8,000N (push); 3,000N (pull)
20230406-U
TA41 TIMOTION-TA41 Datasheet
901Kb / 11P
Max. load 8,000N (push);4,000N (pull)
20230609-H
VN3 TIMOTION-VN3 Datasheet
348Kb / 6P
Max. load 3,000N (push/pull)
20231206-E
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com