Electronic Components Datasheet Search
  English  ▼

X  

MA6 Datasheet(PDF) 6 Page - TiMOTION Technology Co. Ltd.

Part # MA6
Description  Max. load 8,000N (push/pull)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

MA6 Datasheet(HTML) 6 Page - TiMOTION Technology Co. Ltd.

  MA6 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. MA6 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. MA6 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. MA6 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. MA6 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. MA6 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. MA6 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. MA6 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
MA6 Ordering Key Appendix
1 = #45 Steel, slotless, hole 10.2
2 = #45 Steel, slotless, hole 12.2
6 = #45 Steel, U clevis, slot 8.2,
depth 12.5, hole 12.8
3 = #45 Steel, slotless, hole 12.8
7 = #45 Steel, U clevis, slot 8.2,
depth 15.0, hole 10.2
4 = #45 Steel, U clevis, slot 8.2,
depth 12.5, hole 10.2
8 = #45 Steel, U clevis, slot 8.2,
depth 15.0, hole 12.2
5 = #45 Steel, U clevis, slot 8.2,
depth 12.5, hole 12.2
9 = #45 Steel, U clevis, slot 8.2,
depth 15.0, hole 12.8
Rear Attachment (mm)
12.5
ø10.2
12.5
ø12.2
12.5
ø12.8
12.5
ø10.2
12.5
ø12.2
12.5
ø12.8
15
ø10.2
15
ø12.2
15
ø12.8
1 = #45 Steel, slotless, hole 10.2
2 = #45 Steel, slotless, hole 12.2
3 = #45 Steel, slotless, hole 12.8
7 = #45 Steel, U clevis, slot 8.2,
depth 15.0, hole 10.2
Front Attachment (mm)
15
ø10.2
ø10.2
ø12.2
ø12.8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com