Electronic Components Datasheet Search
  English  ▼

X  

MA6 Datasheet(PDF) 8 Page - TiMOTION Technology Co. Ltd.

Part # MA6
Description  Max. load 8,000N (push/pull)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

MA6 Datasheet(HTML) 8 Page - TiMOTION Technology Co. Ltd.

  MA6 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. MA6 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. MA6 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. MA6 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. MA6 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. MA6 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. MA6 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. MA6 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
MA6 Ordering Key Appendix
Normal
Port
Number
Function of
Limit Switches
Wire Color
Wire Gauge
(AWG)
Output Signal
0. Without
1. Mechanical Pot.
4. Hall sensor*1
5. Hall sensor*2
P1
Two Micro
Switches Cut Off
The Actuator
●
RD
14
EXT+
EXT+
EXT+
EXT+
●
BK
14
RET+
RET+
RET+
RET+
●
RD
20
-
V-out
+5V
+5V
●
●
WH
20
-
V-in
S1
S1
●
BU
20
-
-
-
S2
●
BK
20
-
GND
GND
GND
●
BN
20
-
-
-
-
●
OG
20
-
-
-
-
●
VT
20
-
-
-
-
P1
Two Micro
Switches Send
Signal
●
RD
14
EXT+
EXT+
EXT+
EXT+
●
BK
14
RET+
RET+
RET+
RET+
●
RD
20
COM
COM
+5V
+5V
●
●
WH
20
EOS-extended
EOS-extended
S1
S1
●
BU
20
EOS-retracted
EOS-retracted
-
S2
●
BK
20
-
GND
GND
GND
●
BN
20
-
V-in
EOS-extended
EOS-extended
●
OG
20
-
V-out
EOS-retracted
EOS-retracted
●
VT
20
-
-
COM
COM
Wire Definition
Terms of Use
The user is responsible for determining the suitability of TiMOTION products for a specific application.
TiMOTION products are subject to change without prior notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com