Electronic Components Datasheet Search
  English  ▼

X  

TL17 Datasheet(PDF) 5 Page - TiMOTION Technology Co. Ltd.

Part # TL17
Description  Max. load 2,000N (push)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL17 Datasheet(HTML) 5 Page - TiMOTION Technology Co. Ltd.

  TL17 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TL17 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TL17 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TL17 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL17 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TL17 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TL17 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TL17 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd. TL17 Datasheet HTML 9Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
TL17 Ordering Key - Side Cable
TL17
Version: 20230804-L
Load and Speed
Voltage
Cable Length (mm)
Output Signals
IP Rating
Color
1 = 12V DC
5 = 24V DC, PTC
1 = Straight, 500
2 = Straight, 750
3 = Straight, 1000
4 = Straight, 1250
5 = Straight, 1500
6 = Straight, 1750
7 = Straight, 2000
0 = Without
2 = Hall sensor * 2
1 = Without
2 = IPX4
3 = IPX6
1 = DIN 6P, 90° plug
2 = Tinned leads
E = Molex 8P, plug
F = DIN 6P, 180° plug
1 = Black (Black cable set)
2 = Matte silver (428C color cable set)
3 = Matte silver (Black cable set)
0 = Thinner on top
1 = Wider on top
Stroke (mm)
Retracted Length
(mm)
1 = Two switches at full retracted / extended positions to cut current
3 = Two switches at full retracted / extended positions to send signal
See page 2
250~1200
Cable Exit
See page 8
Special Functions
for Spindle Sub-
Assembly
2 = Bottom side cable
3 = Top side cable
0 = Without (standard)
1 = Safety nut
Grounding Function
0 = Without
1 = With
Note
1 TL17 is designed especially for push applications, not suitable for pull applications.
See page 7
Connector
See page 8
Tubes Direction
See page 9
Functions for
Limit Switches
See page 8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com