Electronic Components Datasheet Search
  English  ▼

X  

TL17 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TL17
Description  Max. load 2,000N (push)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL17 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TL17 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TL17 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TL17 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TL17 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL17 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TL17 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TL17 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TL17 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd. TL17 Datasheet HTML 9Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
TiMOTION’s TL17 series electric lifting columns are designed for any height
adjustable workstation applications, such as the medical bed for healthcare
industry. Constructed with an extruded aluminum rectangular appearance,
our TL17 lift column provides a high degree of stability. This column makes
engineering and design processes easier and the system safer by replacing
older style lifting mechanisms that have many moving parts and pinch points.
The 3 stage, telescopic design provides a greatly reduced retracted height and
an increased stroke length.
General Features
Max. load
2,000N (push)
Max. dynamic bending moment
250Nm
Max. static bending moment
500Nm
Max. speed at max. load
11.5mm/s
Max. speed at no load
41mm/s
Retracted length
≥ Stroke / 2+150mm
IP rating
IPX6
Dimension of outer tube
169.4*121.4mm rectangular
Stages
3-stage
Stroke
250~1200mm
Certificate
IEC60601-1, ES60601-1, IEC60601-1-2
Output signals
Hall sensors
Voltage
12V DC; 24V DC (PTC)
Color
Silver, black
Operational temperature range
+5°C~+45°C
Product Segments
• Care Motion
• Comfort Motion
• Ergo Motion
• Industrial Motion
TL17
series


Similar Part No. - TL17

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TL17053AV TRANSKO-TL17053AV Datasheet
628Kb / 4P
170.00 MHz IF SAW Filter / 53.50 MHz Bandwidth
Revision 0: 05 Jun. 2012
logo
Texas Instruments
TL170C TI-TL170C Datasheet
73Kb / 2P
SILICON HALL-EFFECT SWITCH
TL172C TI-TL172C Datasheet
94Kb / 2P
NORMALLY OFF SILICON HALL-EFFECT SWITCH
logo
Transko Electronics, In...
TL17408AS1 TRANSKO-TL17408AS1 Datasheet
570Kb / 4P
174.00 MHz IF SAW Filter / 8.15 MHz Bandwidth
Revision 0: 27 Feb. 2008
TL17410AS1 TRANSKO-TL17410AS1 Datasheet
561Kb / 4P
174.00 MHz IF SAW Filter / 10.50 MHz Bandwidth
Revision 0: 10 Jul. 2008
More results

Similar Description - TL17

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
JP3 TIMOTION-JP3 Datasheet
524Kb / 8P
Max. load 2,000N (push/pull)
20230627-H
MA4 TIMOTION-MA4 Datasheet
648Kb / 8P
Max. load 2,000N (push/pull)
20231106-F
MA5 TIMOTION-MA5 Datasheet
1Mb / 11P
Max. load 3,500N (push); 2,000N (pull)
20230802-F
TA26 TIMOTION-TA26 Datasheet
953Kb / 6P
Max. load 4,000N (push); 2,000N (pull)
20220712-D
TA2PAC TIMOTION-TA2PAC Datasheet
804Kb / 8P
Max. load 2,000N (push/pull)
20211230-A
TA38M TIMOTION-TA38M Datasheet
666Kb / 7P
Max. load 2,000N (push); 1,500N (pull)
20220407-F
TA4 TIMOTION-TA4 Datasheet
951Kb / 11P
Max. load 3,500N (push); 2,000N (pull)
20210521-Q
TA49 TIMOTION-TA49 Datasheet
724Kb / 8P
Max. load 6,000N (push), 2,000N (pull)
20230818-D
TL8 TIMOTION-TL8 Datasheet
482Kb / 6P
Max. load 2,000N (push)
20220712-L
VN1 TIMOTION-VN1 Datasheet
844Kb / 11P
Max. load 3,500N (push); 2,000N (pull)
20230923-G
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com