Electronic Components Datasheet Search
  English  ▼

X  

TL17 Datasheet(PDF) 8 Page - TiMOTION Technology Co. Ltd.

Part # TL17
Description  Max. load 2,000N (push)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL17 Datasheet(HTML) 8 Page - TiMOTION Technology Co. Ltd.

  TL17 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TL17 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TL17 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TL17 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL17 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TL17 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TL17 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TL17 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd. TL17 Datasheet HTML 9Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Cable Exit
TL17 Ordering Key Appendix
1 = Top end socket
C = Bottom side - Y cable, for TH + TP
2 = Bottom side cable
D = Top side - for the 2nd column;
Bottom side - for TH & TP; direct
cut operation with 2 columns
3 = Top side cable
E = Top side - for the 2nd column &
TH; Bottom side - for TP; direct
cut operation with 2 columns
B = Top side - for TH; Bottom side -
for TP
Functions for Limit Switches
Wire Definitions
CODE
Pin
1 (Green)
2 (Red)
3 (White)
4 (Black)
5 (Yellow)
6 (Blue)
1
extend (VDC+)
N/A
N/A
N/A
retract (VDC+)
N/A
3
extend (VDC+)
common
upper limit switch
N/A
retract (VDC+)
lower limit switch
Socket
1 = DIN 6P, socket
Connector
2 = Tinned leads
1 = DIN 6P, 90° plug
E = Molex 8P, plug
F = DIN 6P, 180° plug



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com