Electronic Components Datasheet Search
  English  ▼

X  

TL17 Datasheet(PDF) 2 Page - TiMOTION Technology Co. Ltd.

Part # TL17
Description  Max. load 2,000N (push)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL17 Datasheet(HTML) 2 Page - TiMOTION Technology Co. Ltd.

  TL17 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TL17 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TL17 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TL17 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL17 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TL17 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TL17 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TL17 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd. TL17 Datasheet HTML 9Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Note
1 Please refer to the approved drawing for the final authentic value.
2 The current & speed in table are tested with 24V DC motor. With a 12V DC motor, the current is approximately twice the current
measured in 24V DC; speed will be similar for both voltages.
3 This self-locking force level is reached only when a short circuit is applied on the terminals of the motor. All the TiMOTION control
boxes have this feature built-in.
4 Bending moment Y direction = X*0.8
5 Static bending moment = dynamic*2
Load and Speed
CODE
Load (N)
Self Locking
Force (N)
Typical Current (A)
Typical Speed (mm/s)
Push
No Load
32V DC
With Load
24V DC
No Load
32V DC
With Load
24V DC
Motor Speed (2800RPM)
B
2000
2000
2.5
4.2
22.0
11.5
C
1000
1000
2.5
4.3
41.0
22.0
D
1500
1500
2.5
4.5
34.5
16.0
Standard Dimensions
(mm)
Drawing
Bending moment X
Bending moment Y
Dynamic Bending Moment (Nm)- X Direction
Retracted Length (mm)
(S/2) + 150
Stroke (mm)
250-1200
250
169.4
152.4
139.6
M8
125
158
M8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com