Electronic Components Datasheet Search
  English  ▼

X  

X28HT010 Datasheet(PDF) 8 Page - Intersil Corporation

Part # X28HT010
Description  5V, Byte Alterable EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28HT010 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X28HT010 Datasheet HTML 4Page - Intersil Corporation X28HT010 Datasheet HTML 5Page - Intersil Corporation X28HT010 Datasheet HTML 6Page - Intersil Corporation X28HT010 Datasheet HTML 7Page - Intersil Corporation X28HT010 Datasheet HTML 8Page - Intersil Corporation X28HT010 Datasheet HTML 9Page - Intersil Corporation X28HT010 Datasheet HTML 10Page - Intersil Corporation X28HT010 Datasheet HTML 11Page - Intersil Corporation X28HT010 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
FN8105.1
February 12, 2007
Resetting Software Data Protection
In the event the user wants to deactivate the software data
protection feature for testing or reprogramming in an
EEPROM programmer, the following six step algorithm will
reset the internal protection circuit. After tWC, the
X28C010/X28HT010 will be in standard operating mode.
Note: Once initiated, the sequence of write operations
should not be interrupted.
System Considerations
Because the X28C010/X28HT010 is frequently used in large
memory arrays, it is provided with a two line control
architecture for both read and write operations. Proper
usage can provide the lowest possible power dissipation and
eliminate the possibility of contention where multiple I/O pins
share the same bus.
To gain the most benefit, it is recommended that CE be
decoded from the address bus and be used as the primary
device selection input. Both OE and WE would then be
common among all devices in the array. For a read operation
this assures that all deselected devices are in their standby
mode and that only the selected device(s) is outputting data
on the bus.
Because the X28C010/X28HT010 has two power modes,
standby and active, proper decoupling of the memory array
is of prime concern. Enabling CE will cause transient current
spikes. The magnitude of these spikes is dependent on the
output capacitive loading of the I/Os. Therefore, the larger
the array sharing a common bus, the larger the transient
spikes. The voltage peaks associated with the current
transients can be suppressed by the proper selection and
placement of decoupling capacitors. As a minimum, it is
recommended that a 0.1µF high frequency ceramic
capacitor be used between VCC and VSS at each device.
Depending on the size of the array, the value of the capacitor
may have to be larger.
In addition, it is recommended that a 4.7µF electrolytic bulk
capacitor be placed between VCC and VSS for each eight
devices employed in the array. This bulk capacitor is
employed to overcome the voltage droop caused by the
inductive effects of the PC board traces.
CE
WE
Standard
Operating
Mode
VCC
Data
Addr
AA
5555
55
2AAA
80
5555
≥ tWC
AA
5555
55
2AAA
20
5555
FIGURE 8. RESET SOFTWARE DATA PROTECTION TIMING SEQUENCE
Write Data 55
to Address
2AAA
Write Data 55
to Address
2AAA
Write Data 80
to Address
5555
Write Data AA
to Address
5555
Write Data 20
to Address
5555
Write Data AA
to Address
5555
FIGURE 9. SOFTWARE SEQUENCE TO DEACTIVATE
SOFTWARE DATA PROTECTION
X28C010, X28HT010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com