Electronic Components Datasheet Search
  English  ▼

X  

X28HT010 Datasheet(PDF) 17 Page - Intersil Corporation

Part # X28HT010
Description  5V, Byte Alterable EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28HT010 Datasheet(HTML) 17 Page - Intersil Corporation

Back Button X28HT010 Datasheet HTML 12Page - Intersil Corporation X28HT010 Datasheet HTML 13Page - Intersil Corporation X28HT010 Datasheet HTML 14Page - Intersil Corporation X28HT010 Datasheet HTML 15Page - Intersil Corporation X28HT010 Datasheet HTML 16Page - Intersil Corporation X28HT010 Datasheet HTML 17Page - Intersil Corporation X28HT010 Datasheet HTML 18Page - Intersil Corporation X28HT010 Datasheet HTML 19Page - Intersil Corporation X28HT010 Datasheet HTML 20Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
FN8105.1
February 12, 2007
Packaging Information
32-Lead Ceramic Flat Pack Type F
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
0.019 (0.48)
0.015 (0.38)
0.045 (1.14) Max.
Pin 1 Index
132
0.120 (3.05)
0.090 (2.29)
Min.
0.026 (0.66)
0.007 (0.18)
0.004 (0.10)
0.370 (9.40)
0.270 (6.86)
0.830 (21.08) Max.
0.050 (1.27) BSC
0.440
0.430 (10.93)
0.347 (8.82)
0.330 (8.38)
0.005 (0.13) Min.
0.030 (0.76)
Min.
1.228 (31.19)
1.000 (25.40)
X28C010, X28HT010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com